Electronic Components Datasheet Search
  English  ▼

X  

ADS6142-HT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6142-HT
Description  14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6142-HT Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS6142-HT Datasheet HTML 25Page - Texas Instruments ADS6142-HT Datasheet HTML 26Page - Texas Instruments ADS6142-HT Datasheet HTML 27Page - Texas Instruments ADS6142-HT Datasheet HTML 28Page - Texas Instruments ADS6142-HT Datasheet HTML 29Page - Texas Instruments ADS6142-HT Datasheet HTML 30Page - Texas Instruments ADS6142-HT Datasheet HTML 31Page - Texas Instruments ADS6142-HT Datasheet HTML 32Page - Texas Instruments ADS6142-HT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
10
50
100
150
f -InputFrequency-MHz
IN
SFDR-dBc
200
250
300
400
450
350
500
25
30
40
50
100
60
70
80
90
110
120
125
60
65
75
M0049-15
87
87
87
87
90
84
84
81
81
84
84
84
84
84
78
72
75
75
75
69
72
72
69
66
69
66
66
80
85
70
90
95
90
90
90
93
78
81
81
78
78
63
63
60
60
63
75
10
50
100
150
f -InputFrequency-MHz
IN
SFDR-dBc
200
250
300
400
450
350
500
25
30
40
50
100
60
70
80
90
110
120
125
60
65
75
M0049-16
87
87
87
87
87
87
90
84
81
81
84
84
84
78
72
75
75
75
69
72
72
69
66
69
66
80
85
70
90
95
90
90
90
90
93
93
93
93
78
81
81
78
78
63
75
87
90
ADS6142-HT
www.ti.com
SLWS234
– DECEMBER 2011
Contour Plots Across Input and Sampling Frequencies
Figure 31. SFDR Contour (no gain, Fs = 2 VPP)
Figure 32. SFDR Contour (with 3.5 dB coarse gain, FS = 1.34 VPP)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s) :ADS6142-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com