Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 12Page - Texas Instruments OPA820SKD3 Datasheet HTML 13Page - Texas Instruments OPA820SKD3 Datasheet HTML 14Page - Texas Instruments OPA820SKD3 Datasheet HTML 15Page - Texas Instruments OPA820SKD3 Datasheet HTML 16Page - Texas Instruments OPA820SKD3 Datasheet HTML 17Page - Texas Instruments OPA820SKD3 Datasheet HTML 18Page - Texas Instruments OPA820SKD3 Datasheet HTML 19Page - Texas Instruments OPA820SKD3 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
O PA820
+5V
−5V
−V
S
+V
S
R
S
50Ω
V
V
O
IN
50Ω
2.2µF
2.2µF
0.1µF
R
G
402Ω
R
F
402Ω
50Ω Source
50Ω Load
0.1µF
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
APPLICATION INFORMATION
Wideband Voltage-Feedback Operation
The combination of speed and dynamic range offered by the OPA820 is easily achieved in a wide variety of
application circuits, providing that simple principles of good design practice are observed. For example, good
power-supply decoupling, as shown in Figure 2, is essential to achieve the lowest possible harmonic distortion
and smooth frequency response.
Proper PC board layout and careful component selection will maximize the performance of the OPA820 in all
applications, as discussed in the following sections of this data sheet.
Figure 2 shows the gain of +2 configuration used as the basis for most of the typical characteristics. Most of the
curves were characterized using signal sources with 50-
Ω driving impedance and with measurement equipment
presenting 50-
Ω load impedance. In Figure 2, the 50-Ω shunt resistor at the VI terminal matches the source
impedance of the test generator while the 50-
Ω series resistor at the VO terminal provides a matching resistor for
the measurement equipment load. Generally, data sheet specifications refer to the voltage swings at the output
pin (VO in Figure 2). The 100-Ω load, combined with the 804-Ω total feedback network load, presents the
OPA820 with an effective load of approximately 90
Ω in Figure 2.
Figure 2. Gain of +2, High-Frequency Application and Characterization Circuit
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com