Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 16Page - Texas Instruments OPA820SKD3 Datasheet HTML 17Page - Texas Instruments OPA820SKD3 Datasheet HTML 18Page - Texas Instruments OPA820SKD3 Datasheet HTML 19Page - Texas Instruments OPA820SKD3 Datasheet HTML 20Page - Texas Instruments OPA820SKD3 Datasheet HTML 21Page - Texas Instruments OPA820SKD3 Datasheet HTML 22Page - Texas Instruments OPA820SKD3 Datasheet HTML 23Page - Texas Instruments OPA820SKD3 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
OP A820
+5V
−5V
R
2
50Ω
Power−supply decoupling not shown.
V
2
R
1
V
1
R
R
F
G
V
O =
(V
1
2
−V )
R
R
F
G
when
=
R
R
2
1
R
R
F
G
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
Single Operational Amplifier Differential Amplifier
The voltage-feedback architecture of the OPA820, with its high common-mode rejection ratio (CMRR), will
provide exceptional performance in differential amplifier configurations. Figure 7 shows a typical configuration.
The starting point for this design is the selection of the RF value in the range of 200 Ω to 2 kΩ. Lower values
reduce the required RG, increasing the load on the V2 source and on the OPA820 output. Higher values increase
output noise as well as the effects of parasitic board and device capacitances. Following the selection of RF, RG
must be set to achieve the desired inverting gain for V2. Remember that the bandwidth will be set approximately
by the gain bandwidth product (GBP) divided by the noise gain (1 + RF/RG). For accurate differential operation
(that is, good CMRR), the ratio R2/R1 must be set equal to RF/RG.
Figure 7. High-Speed, Single Differential Amplifier
Usually, it is best to set the absolute values of R2 and R1 equal to RF and RG, respectively; this equalizes the
divider resistances and cancels the effect of input bias currents. However, it is sometimes useful to scale the
values of R2 and R1 in order to adjust the loading on the driving source, V1. In most cases, the achievable
low-frequency CMRR will be limited by the accuracy of the resistor values. The 85-dB CMRR of the OPA820
itself will not determine the overall circuit CMRR unless the resistor ratios are matched to better than 0.003%. If it
is necessary to trim the CMRR, then R2 is the suggested adjustment point.
20
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com