Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 13Page - Texas Instruments OPA820SKD3 Datasheet HTML 14Page - Texas Instruments OPA820SKD3 Datasheet HTML 15Page - Texas Instruments OPA820SKD3 Datasheet HTML 16Page - Texas Instruments OPA820SKD3 Datasheet HTML 17Page - Texas Instruments OPA820SKD3 Datasheet HTML 18Page - Texas Instruments OPA820SKD3 Datasheet HTML 19Page - Texas Instruments OPA820SKD3 Datasheet HTML 20Page - Texas Instruments OPA820SKD3 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
OPA820
+5V
−5V
50Ω
V
V
O
I
0.1µF
2.2µF
0.1µF
2.2µF
R
M
57.6Ω
R
T
205Ω
R
F
402Ω
50Ω Source
50Ω Load
0.01µF
R
G
402Ω
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
Wideband Inverting Operation
Operating the OPA820 as an inverting amplifier has several benefits and is particularly useful when a matched
50-
Ω source and input impedance is required. Figure 3 shows the inverting gain of −1 circuit used as the basis of
the inverting mode typical characteristics.
Figure 3. Inverting G =
−1 Specifications and Test Circuit
In the inverting case, just the feedback resistor appears as part of the total output load in parallel with the actual
load. For the 100-
Ω load used in the typical characteristics, this gives a total load of 80 Ω in this inverting
configuration. The gain resistor is set to get the desired gain (in this case 402
Ω for a gain of −1) while an
additional input matching resistor (RM) can be used to set the total input impedance equal to the source if
desired. In this case, RM = 57.6 Ω in parallel with the 402-Ω gain setting resistor gives a matched input
impedance of 50
Ω. This matching is only needed when the input needs to be matched to a source impedance,
as in the characterization testing done using the circuit of Figure 3.
The OPA820 offers extremely good DC accuracy as well as low noise and distortion. To take full advantage of
that DC precision, the total DC impedance looking out of each of the input nodes must be matched to get bias
current cancellation. For the circuit of Figure 32, this requires the 205-
Ω resistor shown to ground on the
noninverting input. The calculation for this resistor includes a DC-coupled 50-
Ω source impedance along with RG
and RM. Although this resistor will provide cancellation for the bias current, it must be well decoupled (0.01 μF in
Figure 3) to filter the noise contribution of the resistor and the input current noise.
As the required RG resistor approaches 50 Ω at higher gains, the bandwidth for the circuit in Figure 3 will far
exceed the bandwidth at that same gain magnitude for the noninverting circuit of Figure 2. This occurs due to the
lower noise gain for the circuit of Figure 3 when the 50-
Ω source impedance is included in the analysis. For
instance, at a signal gain of
−10 (RG = 50 Ω, RM = open, RF = 499 Ω) the noise gain for the circuit of Figure 3 will
be 1 + 499
Ω/(50 Ω + 50 Ω) = 6 as a result of adding the 50-Ω source in the noise gain equation. This gives
considerable higher bandwidth than the noninverting gain of +10. Using the 240-MHz gain bandwidth product for
the OPA820, an inverting gain of
−10 from a 50-Ω source to a 50-Ω RG gives 55-MHz bandwidth, whereas the
noninverting gain of +10 gives 30 MHz.
Wideband Single-Supply Operation
Figure 4 shows the AC-coupled, single 5-V supply, gain of +2 V/V circuit configuration used as a basis for the
5 V only Electrical and Typical Characteristics. The key requirement for single-supply operation is to maintain
input and output signal swings within the useable voltage ranges at both the input and the output. The circuit of
Figure 4 establishes an input midpoint bias using a simple resistive divider from the 5-V supply (two 806-
Ω
resistors) to the noninverting input. The input signal is then AC-coupled into this midpoint voltage bias. The input
voltage can swing to within 0.9 V of the negative supply and 0.5 V of the positive supply, giving a 3.6VPP input
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com