Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 19Page - Texas Instruments OPA820SKD3 Datasheet HTML 20Page - Texas Instruments OPA820SKD3 Datasheet HTML 21Page - Texas Instruments OPA820SKD3 Datasheet HTML 22Page - Texas Instruments OPA820SKD3 Datasheet HTML 23Page - Texas Instruments OPA820SKD3 Datasheet HTML 24Page - Texas Instruments OPA820SKD3 Datasheet HTML 25Page - Texas Instruments OPA820SKD3 Datasheet HTML 26Page - Texas Instruments OPA820SKD3 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
OPA820
OPA820
V
OUT
R
3
500Ω
R
4
500Ω
R
5
158Ω
C2
1000pF
R
1
15.8kΩ
R
2
158Ω
V
IN
C
1
1000pF
6
0
−6
−12
−18
−24
−30
−36
−42
−48
−54
−60
−66
−72
Frequency (Hz)
100k
1M
10M
100M
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
Figure 10. High-Q 1-MHz Bandpass Filter
Figure 11. High-Q 1-MHz Bandpass Filter Frequency Response
DESIGN-IN TOOLS
Macromodels and Applications Support
Computer simulation of circuit performance using SPICE is often a quick way to analyze the performance of the
OPA820 and its circuit designs. This is particularly true for video and RF amplifier circuits where parasitic
capacitance and inductance can play a major role on circuit performance. A SPICE model for the OPA820 is
available through the TI web page (www.ti.com). The applications department is also available for design
assistance. These models predict typical small-signal AC, transient steps, DC performance, and noise under a
wide variety of operating conditions. The models include the noise terms found in the electrical specifications of
the data sheet. These models do not attempt to distinguish between the package types in their small-signal AC
performance.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com