Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 21Page - Texas Instruments OPA820SKD3 Datasheet HTML 22Page - Texas Instruments OPA820SKD3 Datasheet HTML 23Page - Texas Instruments OPA820SKD3 Datasheet HTML 24Page - Texas Instruments OPA820SKD3 Datasheet HTML 25Page - Texas Instruments OPA820SKD3 Datasheet HTML 26Page - Texas Instruments OPA820SKD3 Datasheet HTML 27Page - Texas Instruments OPA820SKD3 Datasheet HTML 28Page - Texas Instruments OPA820SKD3 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
Driving Capacitive Loads
One of the most demanding, and yet very common, load conditions for an operational amplifier is capacitive
loading. A high-speed, high open-loop gain amplifier like the OPA820 can be very susceptible to decreased
stability and closed-loop response peaking when a capacitive load is placed directly on the output pin. In simple
terms, the capacitive load reacts with the open-loop output resistance of the amplifier to introduce an additional
pole into the loop and thereby decrease the phase margin. This issue has become a popular topic of application
notes and articles, and several external solutions to this problem have been suggested. When the primary
considerations are frequency response flatness, pulse response fidelity, and/or distortion, the simplest and most
effective solution is to isolate the capacitive load from the feedback loop by inserting a series isolation resistor
between the amplifier output and the capacitive load. This does not eliminate the pole from the loop response,
but rather shifts it and adds a zero at a higher frequency. The additional zero acts to cancel the phase lag from
the capacitive load pole, thus increasing the phase margin and improving stability.
The Typical Characteristics show the recommended RS vs Capacitive Load and the resulting frequency response
at the load. The criterion for setting the recommended resistor is maximum bandwidth, flat frequency response at
the load. Since there is now a passive low-pass filter between the output pin and the load capacitance, the
response at the output pin itself is typically somewhat peaked, and becomes flat after the roll-off action of the RC
network. This is not a concern in most applications, but can cause clipping if the desired signal swing at the load
is very close to the amplifier
’s swing limit. Such clipping would be most likely to occur in pulse response
applications where the frequency peaking is manifested as an overshoot in the step response.
Parasitic capacitive loads greater than 2 pF can begin to degrade the performance of the OPA820. Long PC
board traces, unmatched cables, and connections to multiple devices can easily cause this value to be
exceeded. Always consider this effect carefully, and add the recommended series resistor as close as possible to
the OPA820 output pin (see the Board Layout section).
Distortion Performance
The OPA820 is capable of delivering an exceptionally low distortion signal at high frequencies and low gains.
The distortion plots in the Typical Characteristics show the typical distortion under a wide variety of conditions.
Most of these plots are limited to 100-dB dynamic range. The OPA820 distortion does not rise above
−90 dBc
until either the signal level exceeds 0.9 V and/or the fundamental frequency exceeds 500 kHz. Distortion in the
audio band is
≤ −100 dBc.
Generally, until the fundamental signal reaches very high frequencies or powers, the 2nd-harmonic will dominate
the distortion with a negligible 3rd-harmonic component. Focusing then on the 2nd-harmonic, increasing the load
impedance improves distortion directly. Remember that the total load includes the feedback network
—in the
noninverting configuration this is the sum of RF + RG, whereas in the inverting configuration this is just RF (see
Figure 2). Increasing the output voltage swing increases harmonic distortion directly. Increasing the signal gain
will also increase the 2nd-harmonic distortion. Again, a 6-dB increase in gain will increase the 2nd- and
3rd-harmonic by 6 dB even with a constant output power and frequency. Finally, the distortion increases as the
fundamental frequency increases because of the roll-off in the loop gain with frequency. Conversely, the
distortion will improve going to lower frequencies down to the dominant open-loop pole at approximately
100 kHz. Starting from the
−85-dBc 2nd-harmonic for 2VPP into 200 Ω, G = +2 distortion at 1 MHz (from the
Typical Characteristics), the 2nd-harmonic distortion will not show any improvement below 100 kHz and will then
be:
−100 dB − 20 log (1 MHz/100 kHz) = −105 dBc
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com