Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 3Page - Texas Instruments OPA820SKD3 Datasheet HTML 4Page - Texas Instruments OPA820SKD3 Datasheet HTML 5Page - Texas Instruments OPA820SKD3 Datasheet HTML 6Page - Texas Instruments OPA820SKD3 Datasheet HTML 7Page - Texas Instruments OPA820SKD3 Datasheet HTML 8Page - Texas Instruments OPA820SKD3 Datasheet HTML 9Page - Texas Instruments OPA820SKD3 Datasheet HTML 10Page - Texas Instruments OPA820SKD3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS: VS = 5 V (continued)
RF = 402 Ω, RL = 100 Ω, and G = 2, unless otherwise noted.
-55
°C to 125°C
210
°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
LEVEL(1)
INPUT
Common-Mode Input Range
3.9
3.2
V
A
(CMIR)(3)
Common-Mode Rejection
VCM = 0 V, Input-Referred
72
70
dB
A
Input Impedance
Differential mode
VCM = 0 V
18 || 0.8
k
Ω || pf
C
Common mode
VCM = 0 V
6 || 1.0
M
Ω || pf
OUTPUT
No Load
3.4
3.7
3.4
Output Voltage Swing
V
A
RL = 100 Ω
3.4
3.6
3.4
Short-Circuit Output Current
Output Shorted to Ground
±60
±37
mA
C
Closed-Loop Output
G = 2, f
≤ 100 kHz
0.04
Ω
C
Impedance
POWER SUPPLY
Maximum Operating Voltage
5
5
V
A
Maximum Quiescent Current
VS = ±5 V
5.8
6.5
mA
A
Minimum Quiescent Current
VS = ±5 V
3.8
4
mA
A
Power-Supply Rejection
Input Referred
62
61
dB
C
Ratio (
±PSRR)
(3)
Tested
< 3 dB below minimum specified CMRR at ±CMIR limits.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com