Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 22Page - Texas Instruments OPA820SKD3 Datasheet HTML 23Page - Texas Instruments OPA820SKD3 Datasheet HTML 24Page - Texas Instruments OPA820SKD3 Datasheet HTML 25Page - Texas Instruments OPA820SKD3 Datasheet HTML 26Page - Texas Instruments OPA820SKD3 Datasheet HTML 27Page - Texas Instruments OPA820SKD3 Datasheet HTML 28Page - Texas Instruments OPA820SKD3 Datasheet HTML 29Page - Texas Instruments OPA820SKD3 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
External
Pin
+V
CC
−V
CC
O PA820
+5V
−5V
50Ω
50Ω
Power−supply
decoupling not shown.
174Ω
D1
D2
V
1
R
G
301Ω
50Ω
R
F
301Ω
V
O
D1 = D2 IN5911 (or equivalent)
50Ω Source
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
board material and trace dimensions, a matching series resistor into the trace from the output of the OPA820
is used as well as a terminating shunt resistor at the input of the destination device. Remember also that the
terminating impedance will be the parallel combination of the shunt resistor and input impedance of the
destination device; this total effective impedance should be set to match the trace impedance. If the 6-dB
attenuation of a doubly-terminated transmission line is unacceptable, a long trace can be series-terminated
at the source end only. Treat the trace as a capacitive load in this case and set the series resistor value as
shown in the plot of RS vs Capacitive Load. This will not preserve signal integrity as well as a
doubly-terminated line. If the input impedance of the destination device is low, there will be some signal
attenuation due to the voltage divider formed by the series output into the terminating impedance.
e. Socketing a high-speed part like the OPA820 is not recommended. The additional lead length and
pin-to-pin capacitance introduced by the socket can create an extremely troublesome parasitic network,
which can make it almost impossible to achieve a smooth, stable frequency response. Best results are
obtained by soldering the OPA820 onto the board.
Input and ESD Protection
The OPA820 is built using a very high-speed complementary bipolar process. The internal junction breakdown
voltages are relatively low for these very small geometry devices. These breakdowns are reflected in the
Absolute Maximum Ratings table. All device pins are protected with internal ESD protection diodes to the power
supplies, as shown in Figure 13.
Figure 13. Internal ESD Protection
These diodes provide moderate protection to input overdrive voltages above the supplies as well. The protection
diodes can typically support 30-mA continuous current. Where higher currents are possible (for example, in
systems with
±15-V supply parts driving into the OPA820), current-limiting series resistors should be added into
the two inputs. Keep these resistor values as low as possible since high values degrade both noise performance
and frequency response. Figure 14 shows an example protection circuit for I/O voltages that may exceed the
supplies.
Figure 14. Gain of +2 With Input Protection
28
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com