Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 3 Page - Texas Instruments

  OPA820SKD3 Datasheet HTML 1Page - Texas Instruments OPA820SKD3 Datasheet HTML 2Page - Texas Instruments OPA820SKD3 Datasheet HTML 3Page - Texas Instruments OPA820SKD3 Datasheet HTML 4Page - Texas Instruments OPA820SKD3 Datasheet HTML 5Page - Texas Instruments OPA820SKD3 Datasheet HTML 6Page - Texas Instruments OPA820SKD3 Datasheet HTML 7Page - Texas Instruments OPA820SKD3 Datasheet HTML 8Page - Texas Instruments OPA820SKD3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
100
1000
10000
100000
160
170
180
190
200
210
220
Continuous TJ (°C)
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
UNIT
Supply voltage, VS– to VS+
±6.5
V
Differential input voltage, VID
±1.2
V
Input common-mode voltage range
±VS
V
Maximum continuous operating current at 210
°C
50
mA
Internal power dissipation
See Thermal Characteristic specifications
Junction temperature, TJ
210
°C
Operating Free-air Temperature Range, TA
–55 to 210
°C
Storage Temperature Range, TSTG
–65 to 210
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
xxxx
A.
See datasheet for absolute maximum and minimum recommended operating conditions.
B.
Silicon operating life design goal is 10 years at 105
°C junction temperature (does not include package interconnect
life).
C.
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wear out for the specific device process and design characteristics.
Figure 1. OPA820-HT Operating Life Derating Chart
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com