Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 5Page - Texas Instruments OPA820SKD3 Datasheet HTML 6Page - Texas Instruments OPA820SKD3 Datasheet HTML 7Page - Texas Instruments OPA820SKD3 Datasheet HTML 8Page - Texas Instruments OPA820SKD3 Datasheet HTML 9Page - Texas Instruments OPA820SKD3 Datasheet HTML 10Page - Texas Instruments OPA820SKD3 Datasheet HTML 11Page - Texas Instruments OPA820SKD3 Datasheet HTML 12Page - Texas Instruments OPA820SKD3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
−70
−75
−80
−85
−90
−95
−100
HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (Ω)
100
1k
2nd−Harmonic
3rd−Harmonic
f = 1MHz
V
O = 2VPP
G = +2V/V
See Figure 1
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
See Figure 1
V
O = 2VPP
R
L = 100 W
G = +2V/V
−70
−75
−80
−85
−90
−95
−100
−105
−110
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
1
10
2nd−Harmonic
3rd−Harmonic
See Figure 1
f = 1MHz
R
L = 200 W
V
O = 2VPP
−75
−80
−85
−90
−95
−100
−105
1MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Supply Voltage (±V )
S
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
O = 2VPP
R
L = 200 W
G = +2V/V
See Figure 1
2nd−Harmonic
3rd−Harmonic
−75
−80
−85
−90
−95
−100
−105
−110
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
f = 1MHz
R
L = 200 W
G = +2V/V
See Figure 1
−70
−75
−80
−85
−90
−95
−100
HARMONIC DISTORTION vs INVERTING GAIN
Gain ( |V/V| )
1
10
2nd−Harmonic
3rd−Harmonic
f = 1MHz
R
L = 200 W
V
O = 2VPP
See Figure 2
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
TYPICAL CHARACTERISTICS: VS = ±5 V (continued)
RF = 402 Ω, RL = 100 Ω, G = 2 and TA = 25°C unless otherwise noted.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com