Electronic Components Datasheet Search
  English  ▼

X  

OPA820SKD3 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA820SKD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKD3 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA820SKD3 Datasheet HTML 11Page - Texas Instruments OPA820SKD3 Datasheet HTML 12Page - Texas Instruments OPA820SKD3 Datasheet HTML 13Page - Texas Instruments OPA820SKD3 Datasheet HTML 14Page - Texas Instruments OPA820SKD3 Datasheet HTML 15Page - Texas Instruments OPA820SKD3 Datasheet HTML 16Page - Texas Instruments OPA820SKD3 Datasheet HTML 17Page - Texas Instruments OPA820SKD3 Datasheet HTML 18Page - Texas Instruments OPA820SKD3 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
100
10
1
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
0dB Peaking Targeted
3500
3000
2500
2000
1500
1000
500
0
TYPICAL INPUT OFFSET VOLTAGE DISTRIBUTION
Input Offset Voltage (mV)
Mean = −490µV
Standard Deviation = 90µV
Total Count = 6115
8
7
6
5
4
3
2
1
0
−1
−2
−3
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
C
L = 10pF
C
L = 22pF
C
L = 47pF
C
L = 100pF
402Ω
R
S
OPA820
V
I
+5V
V
O
57.6Ω
1kΩ(1)
806Ω
806Ω
C
L
402Ω
0.01µF
0.01µF
NOTE: (1) 1kΩis optional.
2000
1800
1600
1400
1200
1000
800
600
400
200
0
TYPICAL INPUT OFFSET CURRENT DISTRIBUTION
Input Offset Current (nA)
Mean = 43nA
Standard Deviation = 50nA
Total Count = 6115
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
TYPICAL CHARACTERISTICS: VS = 5 V (continued)
RF = 402 Ω, RL = 100 Ω, G = 2 and TA = 25°C unless otherwise noted.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com