Electronic Components Datasheet Search
  English  ▼

X  

AS3668 Datasheet(PDF) 12 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 12 Page - ams AG

Back Button AS3668 Datasheet HTML 8Page - ams AG AS3668 Datasheet HTML 9Page - ams AG AS3668 Datasheet HTML 10Page - ams AG AS3668 Datasheet HTML 11Page - ams AG AS3668 Datasheet HTML 12Page - ams AG AS3668 Datasheet HTML 13Page - ams AG AS3668 Datasheet HTML 14Page - ams AG AS3668 Datasheet HTML 15Page - ams AG AS3668 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
12 - 60
AS3668 2V0
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. CURRx logarithmic PWM Ramp
Figure 11. VCP and VBAT in 1:2 Mode and 50mA load current
500ms/Div
1µs/Div
Figure 12. VCP with charge pump in 1:2 mode and 10mA load
current
Figure 13. Line Regulation autom. gain change to 1:2 mode with
1mA load current
1µs/Div
10ms/Div
3.5V
5V
2.5V
Figure 14. Line Regulation autom. gain change to 1:2 mode with
10mA load current
Figure 15. Line Regulation autom. gain change to 1:2 mode with
25.5mA load current
3.5V
4.8V
2.5V
10ms/Div
5.2V
3V
10ms/Div
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com