| Electronic Components Datasheet Search |
|
AS3668 Datasheet(PDF) 17 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3668 Datasheet(HTML) 17 Page - ams AG |
|
17 / 60 page ![]() www.austriamicrosystems.com/AS3668 Revision 1.11 17 - 60 AS3668 Data Sheet - D e t a i l e d D e s c r i p t i o n . Figure 24. Internal processing of current sources 8.2.1 Unused Current Sources Unused current sources can be left open. There are no external connections or components necessary if they are not used. Table 10. Current Sources Characteristiks Symbol Parameter Condition Min Typ Max Unit IBIT7 Current sink if Bit7 = 1 CURR1, CURR2, CURR3, CURR4 > 0.2V 12.8 mA IBIT6 Current sink if Bit6 = 1 6.4 IBIT5 Current sink if Bit5 = 1 3.2 IBIT4 Current sink if Bit4 = 1 1.6 IBIT3 Current sink if Bit3 = 1 0.8 IBIT2 Current sink if Bit2 = 1 0.4 IBIT1 Current sink if Bit1 = 1 0.2 IBIT0 Current sink if Bit0 = 1 0.1 IMATCH Matching Accuracy CURR1, CURR2, CURR3 and CURR4 -10 +10 % IOUT Absolute Accuracy -15 +15 % VCUR1-4 Voltage Compliance 0 VCP-0.2 V |