Electronic Components Datasheet Search
  English  ▼

X  

AS3668 Datasheet(PDF) 22 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 22 Page - ams AG

Back Button AS3668 Datasheet HTML 18Page - ams AG AS3668 Datasheet HTML 19Page - ams AG AS3668 Datasheet HTML 20Page - ams AG AS3668 Datasheet HTML 21Page - ams AG AS3668 Datasheet HTML 22Page - ams AG AS3668 Datasheet HTML 23Page - ams AG AS3668 Datasheet HTML 24Page - ams AG AS3668 Datasheet HTML 25Page - ams AG AS3668 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
22 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
The ov_temp flag can only be reset by first writing a 1 to the register bit rst_ov_temp. If bit ov_temp_on = 1 activates temperature supervision
Table 20. It is recommend to leave this bit set (default state).
8.6 I²C Serial Interface Bus
The AS3668 supports the I²C serial bus and data transmission protocol in fast mode at 400kHz. The AS3668 operates as a slave on the I²C bus.
Due to the reason that the device is also power up/down with the I²C interface there is a debouncer (130ms) on the signal lines integrated to
avoid a system shut down while having I²C traffic on the bus.
Figure 27. Serial Interface Block Diagram
The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the START and
STOP conditions. Connections to the bus are made via the open-drain I/O pins SCL and SDA. The clock line SCL is never held low by AS3668
because clock stretching of the bus is not supported.
Figure 28. AS3668 Interface Initialization
Table 20. Overtemperature Detection
Symbol
Parameter
Condition
Min
Typ
Max
Unit
T140
ov_temp Rising Threshold
140
ºC
THYST
ov_temp Hysteresis
5
ºC
Table 21. Overtemperature Control / VBAT
Monitor Register
0x29 Overtemerature Control / VBAT Monitor Register
Bit
Bit Name
Default
Access
Bit Description
2
rst_ov_temp
0
W
Write a 1 to this register to reset ov_temp
1
ov_temp
0
R
0: Junction temperature is ok and below T140
1: Junction temperature is too high and above T140
0
ov_temp_on
1
R/W
0: Disables the overtemperature supervision (not recommended)
1: Enabled the overtemperature supervision
1
9
8
1
9
8
0
0
0
0
0
X
X
R/W
D15 D14 D13 D12 D11 D10
D9
D8
I2C register address has not been defined yet.
SCLK
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com