Electronic Components Datasheet Search
  English  ▼

X  

AS3668 Datasheet(PDF) 35 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 35 Page - ams AG

Back Button AS3668 Datasheet HTML 31Page - ams AG AS3668 Datasheet HTML 32Page - ams AG AS3668 Datasheet HTML 33Page - ams AG AS3668 Datasheet HTML 34Page - ams AG AS3668 Datasheet HTML 35Page - ams AG AS3668 Datasheet HTML 36Page - ams AG AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
35 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 43. Single Pulse Mode - Example
8.10.2 Multiple Pulse Mode
In addition to the Single Pulse Pattern Mode described in Section 8.10.1 there is a second mode which is basically based on the Single Pulse
Mode. The Multiple Pulse Mode still uses the parameters tr_CURR, tf_CURR, ton_CURR and toff_CURR of the Single Pulse Mode but has two
more parameters. The first parameter is tp_CURR and can be configured in register tp_led. This register defines the pause time between two
pulses. The second new parameter is a parameter that defines the number of multiple pulses. This can be configured in register multiple_pulse
Table 33. Timing Multiple Pulse Mode
The new parameter can be found in Table 34. All other parameters keep the same and are shared with the Single Pulse Mode. These
parameters can be found in Table 32. /
Table 34. Singe Pulse Mode Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tp_CURR
Pause time between
multiple pulses
0
540
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60