Electronic Components Datasheet Search
  English  ▼

X  

AS3668 Datasheet(PDF) 29 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 29 Page - ams AG

Back Button AS3668 Datasheet HTML 25Page - ams AG AS3668 Datasheet HTML 26Page - ams AG AS3668 Datasheet HTML 27Page - ams AG AS3668 Datasheet HTML 28Page - ams AG AS3668 Datasheet HTML 29Page - ams AG AS3668 Datasheet HTML 30Page - ams AG AS3668 Datasheet HTML 31Page - ams AG AS3668 Datasheet HTML 32Page - ams AG AS3668 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
29 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 39. Timing for Automatic Pattern Startup
8.8 General Purpose Input / Output
The pin GPIO/AUDIO_IN is a general purpose input / output which is shared as a audio input for music synchronization. The pin can support the
following features:
Digital Schmitt Trigger Input
Digital output with open drain functionality
Analogue Audio input for audio controlled LEDs
PWM input for CURR1, CURR2, CURR3 and CURR4 (max. 1MHz)
Device Start-up in Automatic Pattern Generation mode
Figure 40. General Purpose Input / Output Block diagram
Table 24. Automatic Pattern Start-Up Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tr_CURR
Rise time for dimming up
CURR1
2.62
s
tf_CURR
Fall time for dimming down
CURR1
2.62
s
ton_CURR
On time for CURR1
49
ms
toff_CURR
Off time for CURR1
0.54
s
ICURR1
Output Current for CURR1
6.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com