Electronic Components Datasheet Search
  English  ▼

X  

AS3668 Datasheet(PDF) 15 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 15 Page - ams AG

Back Button AS3668 Datasheet HTML 11Page - ams AG AS3668 Datasheet HTML 12Page - ams AG AS3668 Datasheet HTML 13Page - ams AG AS3668 Datasheet HTML 14Page - ams AG AS3668 Datasheet HTML 15Page - ams AG AS3668 Datasheet HTML 16Page - ams AG AS3668 Datasheet HTML 17Page - ams AG AS3668 Datasheet HTML 18Page - ams AG AS3668 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
15 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.1.1
Charge Pump Mode Switching
If automatic mode switching is enabled the charge pump monitors the current sources, which are directly connected to the output of the charge
pump VCP. In order to identify the enabled current sources, the related registers should be setup before starting the charge pump. If any of the
voltage on these current sources drops below the threshold (Vcurr_source), the higher mode is selected after the debounce time (tdeb).
The charge pump mode switching supports only a mode change to a higher charge pump mode (e.g.: mode 1:1 to mode 1:2). In case VBAT
increases again during operation the automatic mode switching will not change the operation mode from 1:2 down to 1:1. In order to change the
mode all current sources must be switched off to reset the charge pump mode switching mechanism. After enabling the current sources again
the mode switching mechanism chooses the appropriate mode for the optimized operation of the charge pump either in 1:1 mode or 1:2 mode. In
case an automatic pattern is used the current sources get a reset after each pattern cycle because the current sources are automatically
switched off when executing a pattern after each cycle.
Figure 23. Charge Pump Mode Switching .
8.1.2
Soft Start
An implemented soft start mechanism reduces the inrush current. Battery current is smoothed when switching the charge pump on and also at
each switching condition. This precaution reduces electromagnetic radiation significantly.
8.1.3
Unused Charge Pump
If the charge pump is not used, capacitors CFLY and CVCPOUT can be removed. The pins CP, CN and VCP should be left open and keep
register cp_on and cp_auto_on at 0 (default value).
Rcp1_1
Effective Charge Pump
Output Resistance (Open
Loop, fclk = 1MHz)
1:1 Mode; VBAT
= 3.6V
2.5
Rcp1_2
1:2 Mode; VBAT
= 3V
20
fclk Accuracy
Accuracy of Clock
Frequency
-10
10
%
Vcurr_source
LED1 - CURR4 current
source dropout voltage
If the voltage drops below this threshold, the charge
pump will use the next available mode
(1:1 -> 1:2)
0.2
V
Isoft_start
Current limit for soft start
feature
400
mA
tdeb
CP automatic up-
switching debounce time
cp_start_debounce=0
32
ms
cp_start_debounce=1
200
s
Table 6. Charge Pump Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com