Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 99Page - NXP Semiconductors LPC4088 Datasheet HTML 100Page - NXP Semiconductors LPC4088 Datasheet HTML 101Page - NXP Semiconductors LPC4088 Datasheet HTML 102Page - NXP Semiconductors LPC4088 Datasheet HTML 103Page - NXP Semiconductors LPC4088 Datasheet HTML 104Page - NXP Semiconductors LPC4088 Datasheet HTML 105Page - NXP Semiconductors LPC4088 Datasheet HTML 106Page - NXP Semiconductors LPC4088 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
103 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
Fig 35. USB host port configuration: port 1 and port 2 as hosts
USB_UP_LED1
USB_D+1
USB_D-1
USB_PWRD1
USB_PWRD2
15 kΩ
15 kΩ
15 kΩ
15 kΩ
LPC408x/7x
USB-A
connector
USB-A
connector
33 Ω
33 Ω
33 Ω
33 Ω
002aah271
VDD
USB_UP_LED2
VDD
USB_OVRCR1
USB_OVRCR2
USB_PPWR1
LM3526-L
ENA
ENB
IN
5 V
FLAGA
OUTA
OUTB
FLAGB
VDD
VDD
D+
D-
D+
D-
VBUS
VBUS
USB_PPWR2
USB_D+2
USB_D-2
VSSIO,
VSSCORE
VSSIO,
VSSCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com