Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 101Page - NXP Semiconductors LPC4088 Datasheet HTML 102Page - NXP Semiconductors LPC4088 Datasheet HTML 103Page - NXP Semiconductors LPC4088 Datasheet HTML 104Page - NXP Semiconductors LPC4088 Datasheet HTML 105Page - NXP Semiconductors LPC4088 Datasheet HTML 106Page - NXP Semiconductors LPC4088 Datasheet HTML 107Page - NXP Semiconductors LPC4088 Datasheet HTML 108Page - NXP Semiconductors LPC4088 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
105 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
In slave mode the input clock signal should be coupled by means of a capacitor of 100 pF
(Figure 37), with an amplitude between 200 mV(RMS) and 1000 mV(RMS). This
corresponds to a square wave signal with a signal swing of between 280 mV and 1.4 V.
The XTALOUT pin in this configuration can be left unconnected.
External components and models used in oscillation mode are shown in Figure 38 and in
Table 33 and Table 34. Since the feedback resistance is integrated on chip, only a crystal
and the capacitances CX1 and CX2 need to be connected externally in case of
fundamental mode oscillation (the fundamental frequency is represented by L, CL and
RS). Capacitance CP in Figure 38 represents the parallel package capacitance and should
not be larger than 7 pF. Parameters FOSC, CL, RS and CP are supplied by the crystal
manufacturer.
Fig 38. Oscillator modes and models: oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation
Table 33.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters): low frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1/CX2
1 MHz - 5 MHz
10 pF
< 300
18 pF, 18 pF
20 pF
< 300
39 pF, 39 pF
30 pF
< 300
57 pF, 57 pF
5 MHz - 10 MHz
10 pF
< 300
18 pF, 18 pF
20 pF
< 200
39 pF, 39 pF
30 pF
< 100
57 pF, 57 pF
10 MHz - 15 MHz
10 pF
< 160
18 pF, 18 pF
20 pF
< 60
39 pF, 39 pF
15 MHz - 20 MHz
10 pF
< 80
18 pF, 18 pF
002aah274
LPC40xx
XTALIN
XTALOUT
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com