Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 104Page - NXP Semiconductors LPC4088 Datasheet HTML 105Page - NXP Semiconductors LPC4088 Datasheet HTML 106Page - NXP Semiconductors LPC4088 Datasheet HTML 107Page - NXP Semiconductors LPC4088 Datasheet HTML 108Page - NXP Semiconductors LPC4088 Datasheet HTML 109Page - NXP Semiconductors LPC4088 Datasheet HTML 110Page - NXP Semiconductors LPC4088 Datasheet HTML 111Page - NXP Semiconductors LPC4088 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
108 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
To eliminate the loss of time counts in the RTC due to voltage swing or ramp rate of the
RESET signal, connect an RC filter between the RESET pin and the external reset input.
Fig 41. Reset input with RC filter
002aag552
External
RESET input
10 kΩ
0.1 μF
RESET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com