Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 100Page - NXP Semiconductors LPC4088 Datasheet HTML 101Page - NXP Semiconductors LPC4088 Datasheet HTML 102Page - NXP Semiconductors LPC4088 Datasheet HTML 103Page - NXP Semiconductors LPC4088 Datasheet HTML 104Page - NXP Semiconductors LPC4088 Datasheet HTML 105Page - NXP Semiconductors LPC4088 Datasheet HTML 106Page - NXP Semiconductors LPC4088 Datasheet HTML 107Page - NXP Semiconductors LPC4088 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
104 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
13.2 Crystal oscillator XTAL input and component selection
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV(RMS) is needed.
Fig 36. USB device port configuration: port 1 host and port 2 device
USB_UP_LED1
USB_D+1
USB_D-1
USB_PWRD1
15 kΩ
15 kΩ
LPC408x/7x
USB-A
connector
USB-B
connector
33 Ω
33 Ω
33 Ω
33 Ω
002aah272
VDD
USB_UP_LED2
USB_CONNECT2
VDD
VDD
USB_OVRCR1
USB_PPWR1
LM3526-L
ENA
IN
5 V
FLAGA
OUTA
VDD
D+
D-
D+
D-
VBUS
USB_D+2
USB_D-2
VBUS
VBUS
VSSIO,
VSSCORE
VSSIO,
VSSCORE
Fig 37. Slave mode operation of the on-chip oscillator
LPC40xx
XTAL1
Ci
100 pF
Cg
002aah273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com