Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 15 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 15 Page - Kemet Corporation

Back Button C321 Datasheet HTML 11Page - Kemet Corporation C321 Datasheet HTML 12Page - Kemet Corporation C321 Datasheet HTML 13Page - Kemet Corporation C321 Datasheet HTML 14Page - Kemet Corporation C321 Datasheet HTML 15Page - Kemet Corporation C321 Datasheet HTML 16Page - Kemet Corporation C321 Datasheet HTML 17Page - Kemet Corporation C321 Datasheet HTML 18Page - Kemet Corporation C321 Datasheet HTML 19Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
15
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
15
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
Flex Mitigation Solution • Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series • Leadframe Mounted • Stacked • X7R Dielectric • 10VDC–250VDC
(Commercial & Automotive Grade)
Size Code
EIA/Metric
Capacitance Range
Voltage Range
(VDC)
Benefits
1210/3225
0.10µF - 4.0µF
10 - 250
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Reliable and robust termination system
Higher capacitance in the same footprint
Potential board space savings
Advanced protection against thermal and mechanical stress
Provides up to 10mm of board flex capability
Reduces audible, microphonic noise
Extremely low ESR and ESL
Pb-Free and RoHS-compliant
Capable of Pb-Free reflow profiles
Non-polar device, minimizing installation concerns
Tantalum and electrolytic alternative
•
•
•
•
•
•
•
•
•
•
•
•
•
1812/4532
0.10µF - 22.0µF
16 - 250
2220/5650
0.10µF - 4.0µF
16 - 250
Floating Electrode Design with Flexible Termination System (FF-CAP) • X7R Dielectric • 6.3VDC–250VDC
(Commercial & Automotive Grade)
Size Code
EIA/Metric
Capacitance Range
Voltage Range
(VDC)
Benefits
0603/1608
180pF - 0.022µF
6.3 - 200
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Superior flex performance (up to 5mm)
Floating Electrode/fail open design
Low to mid capacitance flex mitigation
Pb-Free and RoHS-compliant (excluding SnPb end metallization option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for excellent
solderability
SnPb end metallization option available upon request (5% min)
•
•
•
•
•
•
•
•
•
0805/2012
180pF - 0.10µF
6.3 - 250
1206/3216
1000pF - 0.12µF
6.3 - 250
1210/3225
2200pF - 0.22µF
6.3 - 250
1812/4532
6800pF - 0.22µF
6.3 - 50
Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
Axial (Aximax) • Conformally Coated • C0G (NP0), X7R and Z5U Dielectrics • 25VDC–250VDC
(Commercial & Automotive Grade)
Series
Code
Dimensions
L x H x T
(inches max)
Dielectric/
Capacitance Range
Voltage
Range (VDC)
Benefits
C410
0.10 x 0.100
C0G – 1.0pF - 400pF
XR – 10pF - 1.0µF
Z5U – 1000pF - 0.22µF
50 - 200
25 - 250
50 - 200
General (All Dielectrics)
Pb-Free and RoHS-compliant (excluding SnPb lead material option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated lead material allowing for excellent solderability
SnPb plated lead material option available upon request (60/40)
0.51mm lead diameter
Through-hole technology offers excellent flex performance
C0G (NP0) Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
No piezoelectric noise
Low ESR and ESL
High thermal stability
High ripple current capability
Preferred capacitance solution at line frequencies and into the MHz range
No capacitance change with respect to applied rated DC voltage
Negligible capacitance change with respect to temperature from -55°C to
+125°C
No capacitance decay with time
XR Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Temperature stable dielectric
Z5U Dielectric
+10°C to +85°C operating temperature range
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
C412
0.10 x 0.120
C0G – 120pF - 400pF
XR – 0.015µF - 0.1µF
Z5U – 0.12µF - 0.33µF
50 - 200
25 - 250
50 - 200
C420
0.260 x 0.100
C0G – 390pF - 0.01µF
XR – 6800pF - 1.0µF
Z5U – 0.02µF - 0.4µFF
50 - 200
25 - 250
50 - 200
C430
0.290 x 0.150
C0G – 1,800pF - 0.01µF
XR – 0.022µF - 4.µF
Z5U – 0.022µF - 1.0µF
50 - 200
25 - 250
50 - 200
C440
0.400 x 0.150
C0G – 5600pF - 0.015µF
XR – 0.022µF - 4.µF
Z5U – 0.18µF - 2.2µF
50 - 200
25 - 250
50 - 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com