Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 42 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 42 Page - Kemet Corporation

Back Button C321 Datasheet HTML 38Page - Kemet Corporation C321 Datasheet HTML 39Page - Kemet Corporation C321 Datasheet HTML 40Page - Kemet Corporation C321 Datasheet HTML 41Page - Kemet Corporation C321 Datasheet HTML 42Page - Kemet Corporation C321 Datasheet HTML 43Page - Kemet Corporation C321 Datasheet HTML 44Page - Kemet Corporation C321 Datasheet HTML 45Page - Kemet Corporation C321 Datasheet HTML 46Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
42
42
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Dielectric/
Electrodes
Capacitance
Range
Rated Voltage
Benefits
PMR205
Impregnated
metallized paper
0.1µF - 1.0µF
R: 22Ω - 680Ω
125VAC
250VDC
• Test voltage (factory test) 35VDC
• Climatic category 40/085/56/B
• Lead spacing 15.2, 20.3, 25.4mm
PMR209
Impregnated
metallized paper
0.04µF - 0.4µF
R: 22Ω - 40Ω
250VAC
630VDC
Class X2
• Test voltage (factory test) 1800VDC
• Climatic category 40/085/56/B
• Lead spacing 15.2, 20.3, 25.4mm
• Approvals: ENEC, EN/IEC 60384-14, UL 1283
PMR210
Impregnated
metallized paper
0.022µF - 0.1µF
R: 100Ω
250VAC
Class X1
• Test voltage (factory test) 3000VDC, 2000VAC
• Climatic category 40/085/56/B
• Lead spacing 15.2, 20.3, 25.4mm
• Approvals: ENEC, EN/IEC 60384-14, UL 1414
PMZ2035
Impregnated
metallized paper
0.1µF
R: 150Ω
440VAC
Class X1
• Test voltage (factory test) 1800VDC
• Climatic category 40/085/56/B
• Lead spacing 25.4mm
• Approvals: ENEC, EN/IEC 60384-14
1.43/F43
Polypropylene
metallized film
0.25µF - 1.0µF
0.25µF - 1.0µF
0.022µF - 0.5µF
0.010µF - 1.0µF
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
25VAC, 560VDC
Class X2
• RC spark suppression
• Climatic category 55/105/56
• Climatic category 40/100/56 (25VAC)
• Lead spacing 15, 22.5, 2.5mm
• Resistor value: 10Ω to 1kΩ
• Approvals: ENEC IEC 60384-14, UL 1414 (only for 25VAC)
RC Combination Arc Suppressors
Series
Dielectric/
Electrodes/Class
Capacitance
Range
Rated Voltage
Benefits
PME21M
Impregnated
metallized paper
Class X2
0.001µF - 0.6µF
25VAC
• Best long-term stability
• Climatic category 40/110/56/B
• Max. dV/dt 400 to 1200 V/µs
• Lead spacing 10.2, 15.2, 20.3, 22.5, 25.4mm
• Approvals: ENEC, EN/IEC 60384-14, UL 1283, UL 1414, CSA No. 1
PME21E
Impregnated
metallized paper
Class X1
0.01µF - 0.22µF
300VAC
• Best long-term stability
• Climatic category 40/110/56/B
• Max. dV/dt 400 to 1200 V/µs
• Lead spacing 15.2, 20.3, 22.5, 25.4mm
• Approvals: ENEC, EN/IEC 60384-14, UL 1283
PHE820M
Polyester
metallized film
Class X2
0.01µF - 2.2µF
25VAC
• 2-section series construction
• Climatic category 40/100/56/B
• Max. dV/dt 100 V/µs
• Lead spacing 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC, EN/IEC 60384-14, UL 1283, UL 1414, CSA No. 8,
CSA No. 1
PHE820E
Polyester
metallized film
Class X2
0.01µF - 2.2µF
300VAC
• 2-section series construction
• Climatic category 40/100/56/B
• Max. dV/dt 100 V/µs
• Lead spacing 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC, EN/IEC 60384-14, UL 1283, UL 1414, CSA No. 8,
CSA No. 1
R52
Polypropylene
metallized film
0.033µF - 6.8µF
230VAC
400VDC
• 1-section with humidity protection
• Climatic category 55/105/56
• Max. dV/dt 0 to 1000V/µs
• Lead spacing 10, 15, 22.5, 2.5, 3.5mm
R5L
Polypropylene
metallized film
0.010µF - 10µF
250VAC
560VDC
• 1-section with humidity protection
• Climatic category 55/105/56
• Max. dV/dt 90 to 1500V/µs
• Lead spacing 10, 15, 22.5, 2.5, 3.5mm
R603
Polyester
metallized film
0.15µF - 6.8µF
300VAC
560VDC
• 2-section series construction
• Climatic category 55/105/56
• Max. dV/dt 100 to 200V/µs
• Lead spacing 22.5, 2.5, 3.5mm
R4
Polypropylene
metallized film
Class X2
400pF - 2.2µF
520VAC
1000VDC
• 2-section series construction
• Climatic category 40/085/56
• Max. dV/dt 150 to 50 V/µs
• Lead spacing 10, 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC IEC 60384-14, cULus (UL 1283, UL 1414)
DC Film Capacitors for AC Series Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com