Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 62 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 62 Page - Kemet Corporation

Back Button C321 Datasheet HTML 58Page - Kemet Corporation C321 Datasheet HTML 59Page - Kemet Corporation C321 Datasheet HTML 60Page - Kemet Corporation C321 Datasheet HTML 61Page - Kemet Corporation C321 Datasheet HTML 62Page - Kemet Corporation C321 Datasheet HTML 63Page - Kemet Corporation C321 Datasheet HTML 64Page - Kemet Corporation C321 Datasheet HTML 65Page - Kemet Corporation C321 Datasheet HTML 66Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
62
62
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Tantalum Through-Hole Capacitors • Molded Axial & Radial
T32X Series CX01/05 Style MIL-PRF-49137/1 & 5
Series
Dimensions
D x L x W (inches)
Capacitance Range
Benefits
A
0.095 x 0.260 x 0.020
0.10µF - 10µF
2 - 50 Volts
±20%, ±10%, ±5% capacitance tolerance
Tape and reel packaging available
MIL-PRF-4913/1 & 5 (CX01 & CX05) approved
Miniature - polar type
See www.kemet.com for QPL information
Available RoHS-compliant
•
•
•
•
•
•
•
B
0.110 x 0.290 x 0.020
0.33µF - 33µF
C
0.180 x 0.345 x 0.020
1.2µF - 68µF
D
0.180 x 0.420 x 0.020
2.µF - 68µF
E
0.280 x 0.530 x 0.025
5.6µF - 220µF
F
0.300 x 0.10 x 0.025
12.0µF - 330µF
Tantalum Through-Hole Capacitors • Radial Dipped
T396/T398 Series Three-Leaded UltraDip III
Series
Dimensions
W x T x H (inches)
Capacitance Range
Benefits
A
0.280 x 0.190 x 0.310/0.355
0.10µF - 10µF
• 3 - 50 Volts
• ±20%, ±10% capacitance tolerance
• Tape and reel packaging available
• Three lead design, fail-safe insertion
• Available RoHS-compliant
Note: “H“ dimension is for both T396/T398
B
0.280 x 0.190 x 0.320/0.365
0.4µF - 15µF
C
0.280 x 0.200 x 0.360/0.390
2.2µF - 22µF
D
0.280 x 0.200 x 0.30/0.390
3.3µF - 33µF
E
0.280 x 0.230 x 0.380/0.415
1.5µF - 4µF
F
0.280 x 0.240 x 0.410/0.430
3.3µF - 68µF
G
0.280 x 0.250 x 0.420/0.440
4.µF - 100µF
H
0.280 x 0.20 x 0.420/0.440
22.0µF - 150µF
J
0.300 x 0.300 x 0.460/0.480
6.8µF - 220µF
K
0.340 x 0.340 x 0.500/0.500
10.0µF - 330µF
L
0.340 x 0.340 x 0.560/0.580
15.0µF - 40µF
M
0.360 x 0.360 x 0.620/0.620
22.0µF - 680µF
All product specifications, statements, information and data (collectively, the “Information”) are subject to change without notice.
All Information given herein is believed to be accurate and reliable, but is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to
constitute – and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only
by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this
Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or
results obtained.
Although we design and manufacture our products to the most stringent quality and safety standards, given the current state of the art, isolated component failures
may still occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as
installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property
damage.
Although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated or that other
measures may not be required.
Images may be enlarged to show detail.
Disclamer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com