Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 18 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 18 Page - Kemet Corporation

Back Button C321 Datasheet HTML 14Page - Kemet Corporation C321 Datasheet HTML 15Page - Kemet Corporation C321 Datasheet HTML 16Page - Kemet Corporation C321 Datasheet HTML 17Page - Kemet Corporation C321 Datasheet HTML 18Page - Kemet Corporation C321 Datasheet HTML 19Page - Kemet Corporation C321 Datasheet HTML 20Page - Kemet Corporation C321 Datasheet HTML 21Page - Kemet Corporation C321 Datasheet HTML 22Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
18
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
18
Ceramic Capacitors
High Voltage Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Large Chip • High Voltage • C0G (NP0) & X7R Dielectrics • 500VDC–5KVDC
(Robust • MIL Screened)
Case
Size
(EIA)
Dimensions
(mm)
Dielectric/
Capacitance Range
Voltage
Range (VDC)
Benefits
1515
3.81 x 3.81
C0G – 12pF - 400pF
XR – 20pF - 0.1µF
500 - 3000
500 - 2000
-55°C to +125°C operating temperature range
DC voltage ratings of 500V, 1KV, 2KV, 3KV, 4KV and 5KV
Available capacitance tolerances of ±5%, ±10%, ±20%,
0/+100% and -20%/+80%
Low ESR and ESL
Non-polar device, minimizing installation concerns
Available with screening to MIL-PRF-4946, Group A & B
Several end metallization options available
(See catalog for details)
Infared or vapor phase soldering process recommended
•
•
•
•
•
•
•
•
1812
4.5 x 3.05
C0G – 12pF - 200pF
XR – 20pF - 0.056µF
500 - 3000
500 - 2000
1825
4.5 x 6.35
C0G – 22pF - 8200pF
XR – 560pF - 0.15µF
500 - 3000
2020
5.08 x 5.08
C0G – 22pF - 8200pF
XR – 560pF - 0.18µF
500 - 3000
2225
5.59 x 6.35
C0G – 2pF - 0.012µF
XR – 680pF - 0.22µF
500 - 3000
2520
6.35 x 5.08
C0G – 2pF - 0.01µF
XR – 680pF - 0.22µF
500 - 4000
500 - 3000
3333
8.38 x 8.38
C0G – 2pF - 0.015µF
XR – 1200pF - 0.82µF
500 - 4000
500 - 3000
3530
8.89 x .62
C0G – 2pF - 0.022µF
XR – 20pF - 0.56µF
500 - 4000
4040
10.2 x 10.2
C0G – 18pF - 0.039µF
XR – 40pF - 0.82µF
500 - 4000
4540
11.43 x 10.2
C0G – 18pF - 0.056µF
XR – 40pF - 1.2µF
500 - 5000
5440
13. x 10.2
C0G – 2pF - 0.082µF
XR – 680pF - 1.5µF
500 - 4000
5550
14.0 x 12.
C0G – 2pF - 0.068µF
XR – 680pF - 1.8µF
500 - 5000
6560
16.5 x 15.2
C0G – 4pF - 0.1µF
XR – 1200pF - 2.2µF
500 - 5000
High Voltage Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage • C0G (NP0) & X7R Dielectrics • 500VDC–3KVDC
(Commercial & Automotive Grade)
Size Code
EIA/Metric
Dielectric/
Capacitance Range
Voltage Range
(VDC)
Benefits
0805/2012
C0G – 1.0pF - 220pF
XR – 10pF - 0.012µF
500 - 1000
-55°C to +125°C operating temperature range
Available in Commercial and Automotive Grade (AEC-Q200)
Flexible termination (FT-CAP) option available upon request
Pb-Free and RoHS-compliant (excluding SnPb end
metallization option)
DC voltage ratings of 500V, 630V, 1KV, 1.5KV, 2KV, 2.5KV, 3KV
Available capacitance tolerances of ±5%, ±10% and ±20%
Low ESR and ESL
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for
excellent solderability
SnPb plated end metallization option available upon request
(5% min)
•
•
•
•
•
•
•
•
•
•
1206/3216
C0G – 10pF - 1000pF
XR – 10pF - 0.068µF
500 - 2000
1210/3225
C0G – 10pF - 3300pF
XR – 10pF - 0.15µF
500 - 2000
1808/4520
C0G – 1.0pF - 200pF
XR – 100pF - 0.15µF
500 - 3000
1812/4532
C0G – 10pF - 3900pF
XR – 10pF - 0.33µF
500 - 3000
1825/4564
C0G – 10pF - 8200pF
XR – 100pF - 0.22µF
500 - 3000
2220/5650
C0G – 10pF - 8200pF
XR – 100pF - 0.22µF
500 - 3000
2225/5664
C0G – 10pF - 0.01pF
XR – 100pF - 0.2µF
500 - 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com