Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 22 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 22 Page - Kemet Corporation

Back Button C321 Datasheet HTML 18Page - Kemet Corporation C321 Datasheet HTML 19Page - Kemet Corporation C321 Datasheet HTML 20Page - Kemet Corporation C321 Datasheet HTML 21Page - Kemet Corporation C321 Datasheet HTML 22Page - Kemet Corporation C321 Datasheet HTML 23Page - Kemet Corporation C321 Datasheet HTML 24Page - Kemet Corporation C321 Datasheet HTML 25Page - Kemet Corporation C321 Datasheet HTML 26Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
22
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
22
Ceramic Capacitors
High Temperature Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (150°C) • X8L Dielectric • 10VDC–50VDC
(Commercial & Automotive Grade)
High Temperature (150°C) • Ultra-Stable X8R Dielectric • 25VDC–100VDC
(Commercial & Automotive Grade)
Size Code
EIA/Metric
Max Temp.
Capacitance Range
Voltage Range
(VDC)
Benefits
0402/1005
150°C
0.012µF - 0.04µF
10 - 25V
-55°C to +150°C operating temperature range
Available with Flexible Termination System (FT-CAP) for
0603 - 1210 case sizes
Pb-Free and RoHS-compliant (excluding SnPb end
metallization option)
Available capacitance tolerances of ±5%, ±10% and
±20%
Commercial and Automotive Grades available
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for
excellent solderability
SnPb plated end metallization available upon request
(5% min)
•
•
•
•
•
•
•
•
0603/1608
0.04µF - 0.22µF
10 - 50V
0805/2012
0.15µF - 1.0µF
10 - 50V
1206/3216
0.4µF - 4.µF
10 - 50V
1210/3225
0.39µF - 10µF
10 - 50V
Size Code
EIA/Metric
Max Temp.
Capacitance Range
Voltage Range
(VDC)
Benefits
0402/1005
150°C
100pF - 1500pF
25 - 100V
-55°C to +150°C operating temperature range
Pb-Free and RoHS-compliant (excluding SnPb end
metallization option)
Available capacitance tolerances of ±1%, ±2%, ±5%,
±10% and ±20%,
Extremely low ESR and ESL
High thermal stability
High ripple current capability
No capacitance change applied rated DC voltage
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization that allowing
for excellent solderability.
SnPb plated end metallization available upon request
(5% min)
•
•
•
•
•
•
•
•
•
•
0603/1608
430pF - 0.01µF
25 - 100V
0805/2012
2200pF - 0.033µF
25 - 100V
1206/3216
6800pF - 0.1µF
25 - 100V
1210/3225
0.012µF - 0.18µF
25 - 100V
1812/4532
0.015µF - 0.22µF
50 - 100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com