Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 36 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 36 Page - Kemet Corporation

Back Button C321 Datasheet HTML 32Page - Kemet Corporation C321 Datasheet HTML 33Page - Kemet Corporation C321 Datasheet HTML 34Page - Kemet Corporation C321 Datasheet HTML 35Page - Kemet Corporation C321 Datasheet HTML 36Page - Kemet Corporation C321 Datasheet HTML 37Page - Kemet Corporation C321 Datasheet HTML 38Page - Kemet Corporation C321 Datasheet HTML 39Page - Kemet Corporation C321 Datasheet HTML 40Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
36
36
EMI Filters
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Current Rating (A)
Benefits
FLLD3…PV
150 - 2200
690VAC
Compact high current filter
Alternative energy inverters (wind, solar, etc.)
•
•
•
Series
Current
Rating (A)
L(mH)
Capacitance
x (µF)
Capacitance
y (nF)
Benefits
FLLD4…DN
8 - 64
4x1 - 4x1.8
6x2.2
- 6x4.
2x0.1
520VAC
Low earth leakage
Compact light weight
Screw terminals
Industrial environments
•
•
•
•
•
Series
Current
Rating (A)
L(mH)
Capacitance
x (µF)
Capacitance
y (nF)
Benefits
FLLD3…AN,…
HN
8 - 450
3x0.05
- 3x.6
3x2.2 - 3x10
& 3x1 - 3x10
3x10 - 3x280
& 2x1
440VAC - 520VAC
High attenuation
600VAC version
•
•
•
FLLD3…HNR2
8 - 450
FLLD3…SN,…SH
8 - 300
0.2 - 0.5/
phase
9x1 - 9x22
6x110 - 6x340
480VAC - 520VAC
Slim design
•
•
FLLD3…FP
8 - 1
6x4.5 +
3x0.036
3x1.5 - 9x1
2x0.4
Low profile
•
FLLD3…SC
8 - 130
0.2 - 0.5
9x1 - 9x2.2
6x110
520VAC
Slim design
•
•
FLLD3…BN
 - 180
3x0.3 - 3x2
3x5.6 +
3x3.3
1x3.3
520VAC
Slim design
Industrial environments
Motor run
•
•
•
•
Chassis Mount Three Phase Filters
Chassis Mount Three Phase and Neutral Filters • High Performance
Chassis Mount Three Phase Filters • High Performance • High Voltage
Chassis Mount Three Phase Filters • High Current • High Voltage
Chassis Mount Three Phase and Neutral Filters • High Performance, High Voltage
Series
Current
Rating (A)
L(mH)
Capacitance
x (µF)
Capacitance
y (nF)
Benefits
FLLD3…AB
25 - 63
4x0.5 - 4x2
3x2.2
2x15 - 3x4.
High symmetric and asymmetric attenuation
Screw or terminal block connectors
•
•
FLLD3…AD
16 - 25
4x1.1 - 4x1.8
3x1
15
High symmetric and asymmetric attenuation
Screw or spade lug terminations
Low profile
•
•
•
FLLD3…AW
3 - 20
4x0.2 - 4x1.5
3x0.1
4. - 22
Good high frequency attenuation
Screw or spade lug terminations
Low profile and compact
•
•
•
FLLD3…BM,...ZS
4 - 25
4x0.04 - 3x4
4x0.04
- 3x13.2
1x22 - 4x33
High symmetric and asymmetric attenuation
Good broadband attenuation
Compact, low profile
•
•
•
Series
Current
Rating (A)
L(mH)
Capacitance
x (µF)
Capacitance
y (nF)
Benefits
FTR
13 - 100
3x0.1 - 4x0.1
3x0.01 - 3x1
4x4. - 4x22
High symmetric and asymmetric attenuation
Single or two stage designs
Compact design
Screw or flexible lead termination
•
•
•
•
Chassis Mount Three Phase and Neutral Filters • General Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com