Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 46 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 46 Page - Kemet Corporation

Back Button C321 Datasheet HTML 42Page - Kemet Corporation C321 Datasheet HTML 43Page - Kemet Corporation C321 Datasheet HTML 44Page - Kemet Corporation C321 Datasheet HTML 45Page - Kemet Corporation C321 Datasheet HTML 46Page - Kemet Corporation C321 Datasheet HTML 47Page - Kemet Corporation C321 Datasheet HTML 48Page - Kemet Corporation C321 Datasheet HTML 49Page - Kemet Corporation C321 Datasheet HTML 50Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
46
46
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Polypropylene Film Capacitors • Radial & Axial (cont.)
Series
Construction
Capacitance Range
Rated Voltage
Benefits
PFR
Film/foil,
radial
100pF - 22000pF
100pF - 10000pF
100pF - 6800pF
100pF - 6800pF
100pF - 400pF
100pF - 680pF
63VDC, 40VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 220VAC
630VDC, 250VAC
1000VDC, 250VAC
• Timing, integration
• Climatic category 55/100/56
• Max. dV/dt 1000 V/µs
• Lead spacing 5mm
A2
Film/foil,
axial
400pF - 0.010µF
2200pF - 0.015µF
4pF - 0.010µF
0.015µF - 0.33µF
3300pF - 0.10µF
2200pF - 0.068µF
1000pF - 0.04µF
100VDC, 63VAC
250VDC, 125VAC
400VDC, 160VAC
630VDC, 300VAC
1000VDC, 400VAC
1500VDC, 450VAC
2000VDC, 500VAC
• High current applications
• Climatic category 55/105/56
• Max. dV/dt 1800 to 2000V/µs
• Length L = 11 to 33mm
SMD Film Capacitors
Series
Type
Capacitance Range
Rated Voltage
Benefits
MMC
2220 - 6560
2824 - 6560
2220 - 6560
2220 - 6560
2824 - 6560
1nF - 15000nF
1nF - 400nF
1nF - 3300nF
1nF - 1000nF
1nF - 40nF
50VDC, 30VAC
63VDC, 40VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
• Encapsulated winding construction
• Climatic category 55/100/56
• Max. dV/dt 5 to 50 V/µs
MDC
SMD,
multiple leads
0.033µF - 15µF
0.033µF - 10µF
0.033µF - 1.5µF
0.033µF - 0.4µF
0.033µF - 0.18µF
50VDC, 30VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
For high frequency output filtering
Metallized Polyester (PET)
Climatic category 55/125/56
Lead spacing 10, 15mm
•
•
•
•
MDS
SMD,
low profile,
multiple leads
0.033µF - 6.8µF
0.033µF - 5.6µF
0.033µF - 0.68µF
0.033µF - 0.33µF
0.033µF - 0.10µF
50VDC, 30VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
For high frequency output filtering
Metallized Polyester (PET)
Climatic category 55/125/56
Lead spacing 10, 15mm
•
•
•
•
JSN
SMD,
multiple leads,
through-hole
also available
10µF - 68µF
10µF - 33µF
10µF - 15µF
100VDC, 63VAC
160VDC, 90VAC
250VDC, 160VAC
DC/DC and AC/DC converters applications
Climatic category 55/125/56
Max. dV/dt 2 to 40V/µs
Size from 60.80 to 60.160 (naked components)
•
•
•
•
Metallized Polyester Dielectric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com