Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 19 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 19 Page - Kemet Corporation

Back Button C321 Datasheet HTML 15Page - Kemet Corporation C321 Datasheet HTML 16Page - Kemet Corporation C321 Datasheet HTML 17Page - Kemet Corporation C321 Datasheet HTML 18Page - Kemet Corporation C321 Datasheet HTML 19Page - Kemet Corporation C321 Datasheet HTML 20Page - Kemet Corporation C321 Datasheet HTML 21Page - Kemet Corporation C321 Datasheet HTML 22Page - Kemet Corporation C321 Datasheet HTML 23Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
19
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
19
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
ArcShield • High Voltage Arc-Over Prevention • X7R Dielectric • 500VDC-1000VDC
(Commercial & Automotive Grade)
Case Size
(EIA/Metric)
Dielectric/
Capacitance Range
Voltage Range
(VDC)
Benefits
0805/2012
XR – 2200pF - 0.012µF
500 - 1000
Designed to eliminate the risk of arc-over
Patent pending shield electrode technology built inside the chip for enhanced
reliability
-55°C to +125°C operating temperature range
Available in Commercial and Automotive Grade (AEC-Q200)
Flexible termination (FT-CAP) available upon request
Pb-Free and RoHS-compliant (excluding SnPb end metallization option)
DC voltage ratings of 500V, 630V, 1KV
Available capacitance tolerances of ±5%, ±10% and ±20%
Low ESR and ESL
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for excellent solderability
SnPb plated end metallization option available upon request (5% min)
•
•
•
•
•
•
•
•
•
•
•
•
1206/3216 XR – 0.012µF - 0.068µF
500 - 1000
1210/3225
XR – 0.022µF - 0.15µF
500 - 1000
1808/4520
XR – 0.018µF - 0.15µF
500 - 1000
1812/4532
XR – 0.02µF - 0.33µF
500 - 1000
KPS HV (SM Series) • Leadframe Mounted • High Voltage • C0G (NP0) & X7R Dielectrics • 500VDC–5KVDC
(Robust • MIL Screened)
Case Size
(EIA)
Dimensions
(mm)
Dielectric/
Capacitance Range
Voltage
Range (VDC)
Benefits
SM20
3.81 x 3.81
C0G – 12pF - 400pF
XR – 20pF - 0.082µF
500 - 3000
500 - 2000
-55°C to +125°C operating temperature range
DC voltage ratings of 500V, 1KV, 2KV, 3KV, 4KV and 5KV
Available capacitance tolerances of ±5%, ±10%, ±20%,
0/+100% and -20%/+80%
“J“ & “L“ lead configurations available
Reduced microphonics
Reliable and robust termination system
Advanced protection against thermal and mechanical
stress
Improved flex performance
Reduces audible, microphonic noise
Non-polar device, minimizing installation concerns
Available with screening to MIL-PRF-4946, Group A & B
Several end metallization options available
(See catalog for details)
•
•
•
•
•
•
•
•
•
•
•
•
SM21
5.08 x 5.08
C0G – 22pF - 8200pF
XR – 560pF - 0.18µF
500 - 3000
500 - 3000
SM22
6.35 x 5.08
C0G – 2pF - 0.01µF
XR – 680pF - 0.22µF
500 - 3000
SM23
8.89 x .62
C0G – 2pF - 0.022µF
XR – 20pF - 0.56µF
500 - 4000
SM24
11.43 x 10.2
C0G – 18pF - 0.056µF
XR – 40pF - 1.2µF
500 - 5000
SM25
14.0 x 12.
C0G – 2pF - 0.082µF
XR – 40pF - 1.8µF
500 - 5000
SM26
16.5 x 15.2
C0G – 4pF - 0.1µF
XR – 1200pF - 2.µF
500 - 5000
SM30
.62 X 3.81
C0G – 10pF - 0.015µF
XR – 150pF - 0.22µF
500 - 4000
SM31
10.2 X 5.08
C0G – 10pF - 0.02µF
XR – 20pF - 0.39µF
500 - 5000
SM33
1.08 X .62
C0G – 12pF - 0.12µF
XR – 220pF - 1.5µF
500 - 000
SM34
22.9 X 10.2
C0G – 22pF - 0.15µF
XR – 40pF - 1.5µF
500 - 10000
SM35
2.9 X 12.
C0G – 33pF - 0.22µF
XR – 820pF - 3.9µF
500 - 10000
SM36
33.0 X 15.2
C0G –56pF - 0.33µF
XR – 1200pF - 5.6µF
500 - 10000
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com