Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 27 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 27 Page - Kemet Corporation

Back Button C321 Datasheet HTML 23Page - Kemet Corporation C321 Datasheet HTML 24Page - Kemet Corporation C321 Datasheet HTML 25Page - Kemet Corporation C321 Datasheet HTML 26Page - Kemet Corporation C321 Datasheet HTML 27Page - Kemet Corporation C321 Datasheet HTML 28Page - Kemet Corporation C321 Datasheet HTML 29Page - Kemet Corporation C321 Datasheet HTML 30Page - Kemet Corporation C321 Datasheet HTML 31Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
2
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
2
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
Military Grade Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS HV • Leadframe Mounted • High Voltage • C0G (NP0) & X7R Dielectrics • 500VDC–5KVDC
(Robust • MIL Screened)
KPS MIL • MIL-PRF-49470 • High Reliability • BX(X7R), BR(X7R) & BQ(X7R) Dielectrics • 50VDC–500VDC
(Military & Space Grade)
Series Code
Dimensions
(mm)
Dielectric/
Capacitance Range
Voltage
Range (VDC)
Benefits
SM20
3.81 x 3.81
C0G – 12pF - 400pF
XR – 20pF - 0.082µF
500 - 3000
500 - 2000
-55°C to +125°C operating temperature range
DC voltage ratings of 500V, 1KV, 2KV, 3KV, 4KV and 5KV
Available capacitance tolerances of ±5%, ±10%, ±20%,
+100, -0% and +80%, -20%
“J“ & “L“ lead configurations available
Reduced microphonics
Reliable and robust termination system
Advanced protection against thermal and mechanical stress
Improved flex performance
Reduces audible, microphonic noise
Non-polar device, minimizing installation concerns
Available with screening to MIL-PRF-4946, Group A & B
Several end metallization options available
(See catalog for details)
•
•
•
•
•
•
•
•
•
•
•
•
SM21
5.08 x 5.08
C0G – 22pF - 8200pF
XR – 560pF - 0.18µF
500 - 3000
500 - 2000
SM22
6.35 x 5.08
C0G – 2pF - 0.01µF
XR – 680pF - 0.22µF
500 - 3000
SM23
8.89 x .62
C0G – 2pF - 0.022µF
XR – 20pF - 0.56µF
500 - 4000
SM24
11.43 x 10.2
C0G – 18pF - 0.056µF
XR – 40pF - 1.2µF
500 - 5000
SM25
14.0 x 12.
C0G – 2pF - 0.082µF
XR – 40pF - 1.8µF
500 - 5000
SM26
16.5 x 15.2
C0G – 4pF - 0.1µF
XR – 1200pF - 2.µF
500 - 5000
SM30
.62 x 3.81
C0G – 10pF - 0.015µF
XR – 150pF - 0.22µF
500 - 4000
SM31
10.2 x 5.08
C0G – 10pF - 0.02µF
XR – 20pF - 0.39µF
500 - 5000
SM33
1.08 x .62
C0G – 12pF - 0.12µF
XR – 220pF - 1.5µF
500 - 000
SM34
22.9 x 10.2
C0G – 22pF - 0.15µF
XR – 40pF - 1.5µF
500 - 10000
SM35
2.9 x 12.
C0G – 33pF - 0.22µF
XR – 820pF - 3.9µF
500 - 10000
SM36
33.0 x 15.2
C0G – 56pF - 0.33µF
XR – 1200pF - 5.6µF
500 - 10000
Military Grade Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
Case Code
Military
Equivalent
Styles
Lead Type
Dielectric
Capacitance
Range
Voltage
Range
(VDC)
Benefits
3
M4940
Straight
Formed “J”
Formed “L”
BX, BR, BQ
2.2µF - 4µF
50 - 500
4940 B-Level reliability
4940 T-Level Reliability available (Space
Grade)
Commercial Grade available
-55°C to +125°C operating temperature range
Reliable and robust termination system
Higher capacitance in the same footprint
Potential board space savings
Advanced protection against thermal and
mechanical stress
Reduces audible, microphonic noise
Extremely low ESR and ESL
Encapsulated or unencapsulated
Non-polar device, minimizing installation
concerns
SnPb coated (60/40) lead material
DSCC 8106 equivalent available upon request
•
•
•
•
•
•
•
•
•
•
•
•
•
•
4
0.82µF - 15µF
5
0.15µF - 5.6µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com