Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 44 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 44 Page - Kemet Corporation

Back Button C321 Datasheet HTML 40Page - Kemet Corporation C321 Datasheet HTML 41Page - Kemet Corporation C321 Datasheet HTML 42Page - Kemet Corporation C321 Datasheet HTML 43Page - Kemet Corporation C321 Datasheet HTML 44Page - Kemet Corporation C321 Datasheet HTML 45Page - Kemet Corporation C321 Datasheet HTML 46Page - Kemet Corporation C321 Datasheet HTML 47Page - Kemet Corporation C321 Datasheet HTML 48Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
44
44
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Metallized Polyester • High Current for High Frequency SMPS and DC/DC Converters
Series
Type
Capacitance Range
Rated Voltage
Benefits
MDK
Through-hole,
multiple leads
0.033µF - 15µF
0.033µF - 10µF
0.033µF - 1.5µF
0.033µF - 0.4µF
0.033µF - 0.18µF
50VDC, 30VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
For high frequency output filtering
Metallized Polyester (PET)
Climatic category 55/125/56
Lead spacing 10, 15mm
•
•
•
•
MDC
SMD,
multiple leads
0.033µF - 15µF
0.033µF - 10µF
0.033µF - 1.5µF
0.033µF - 0.4µF
0.033µF - 0.18µF
50VDC, 30VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
For high frequency output filtering
Metallized Polyester (PET)
Climatic category 55/125/56
Lead spacing 10, 15mm
•
•
•
•
MDS
SMD,
low profile,
multiple leads
0.033µF - 6.8µF
0.033µF - 5.6µF
0.033µF - 0.68µF
0.033µF - 0.33µF
0.033µF - 0.10µF
50VDC, 30VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
For high frequency output filtering
Metallized Polyester (PET)
Climatic category 55/125/56
Lead spacing 10, 15mm
•
•
•
•
JSN
SMD,
multiple leads,
through-hole also
available
10µF - 68µF
10µF - 33µF
10µF - 15µF
100VDC, 63VAC
160VDC, 90VAC
250VDC, 160VAC
DC/DC and AC/DC converters applications
Climatic category (IEC 60068-1) 55/125/56
Max. dV/dt 2 to 40V/µs
Size from 60.80 to 60.160 (naked components)
•
•
•
•
Series
Construction
Capacitance Range
Rated Voltage
Benefits
F461-F464
Single metallized
film, radial
0.001µF - 56µF
160 - 2500VDC
90 - 900VAC
DC or AC applications
Climactic category 55/105/56
Max. dV/dt 9500 V/µS
Lead spacing 5, .5, 10, 15, 22.5, 2.5, 3.5mm
•
•
•
•
PHE426
Single metallized
film, radial
0.001µF - 0.22µF
0.001µF - 2µF
0.033µF - 18µF
0.001µF - 10µF
0.1µF - 3.9µF
0.001µF - 5.6µF
0.002µF - 3.3µF
0.004µF - 0.04µF
0.001µF - 0.02µF
100VDC, 63VAC
250VDC, 160VAC
300VDC, 160VAC
400VDC, 220VAC
450VDC, 220VAC
630VDC, 250VAC
1000VDC, 250VAC
1600VDC, 650VAC
2000VDC, 00VAC
DC or AC applications
Climactic category 55/105/56
Max. dV/dt 30 to 1500 V/µs
Lead spacing 5, .5, 10, 15, 22.5, 2.5, 3.5mm
•
•
•
•
R9
Single metallized
film, radial
0.039µF - 0.22µF
0.012µF - 0.15µF
0.0039µF - 0.04µF
0.001µF - 0.018µF
160VDC, 0VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
DC or AC applications
Climactic category 55/105/56
Max. dV/dt 100 to 600 V/µs
Lead spacing 5mm
•
•
•
•
R5
Single metallized
film, radial
0.1µF - 3.3µF
0.068µF - 33µF
0.068µF - 0.22µF
0.02µF - 33µF
0.02µF - 0.068µF
0.01µF - 15µF
0.01µF - 0.02µF
0.001µF - 8.2µF
0.012µF - 3.9µF
220pF - 0.0082µF
0.0082µF - 2.2µF
0.0039µF - 1.5µF
0.001µF - 1.0µF
160VDC, 0VAC
160VDC, 90VAC
250VDC, 140VAC
250VDC, 160VAC
400VDC, 200VAC
400VDC, 220VAC
630VDC, 220VAC
630VDC, 250VAC
1000VDC, 250VAC
1000VDC, 400VAC
1250VDC, 600VAC
1600VDC, 650VAC
2000VDC, 00VAC
Climactic category 55/105/56
Max. dV/dt 35 to 9500 V/µs
Lead spacing .5, 10, 15, 22.5, 2.5, 3.5mm
•
•
•
Polypropylene Film Capacitors • Radial & Axial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com