Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 33Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 34Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 35Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 36Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 37Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 38Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 39Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 40Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
37
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:4
R2_2BOOSTVOL
000
Controls the R2 pin to the right
channel input boost stage:
000 = Path disabled
(disconnected)
001 = -12dB
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
Table 9 Input BOOST Stage Control
The BOOST stage is enabled under control of the BOOSTEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
management
2
4
BOOSTENL
0
Left channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
5
BOOSTENR
0
Right channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
Table 10 Input BOOST Enable Control
MICROPHONE BIASING CIRCUIT
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The MICBIAS voltage can be altered via
the MBVSEL register bit.
When MBVSEL=0, MICBIAS=0.9*AVDD1 and when MBVSEL=1,
MICBIAS=0.65*AVDD1. The output can be enabled or disabled using the MICBEN control bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
management 1
4
MICBEN
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Table 11 Microphone Bias Enable Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44 (2Ch)
Input control
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Table 12 Microphone Bias Voltage Control
The internal MICBIAS circuitry is shown in Figure 18. Note that the maximum source current
capability for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit
the MICBIAS current to 3mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com