Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 13Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 14Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
11
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to L/R mixer into 10k
Ω / 50pF load on L/ROUT2, class AB mode
LOUT2VOL, ROUT2VOL, DACLVOL and DACRVOL = 0dB
Full-scale output 1
LOUT2VOL and
ROUT2VOL = 0dB
AVDD1/3.3
Vrms
Signal to Noise Ratio
3
SNR
A-weighted
AVDD1=AVDD2=3.3V
100
dB
A-weighted
AVDD1=AVDD2=2.5V
96
dB
22Hz to 20kHz
AVDD1=AVDD2=3.3V
95.5
dB
22Hz to 20kHz
AVDD1=AVDD2=2.5V
93.5
dB
Total Harmonic Distortion 4
THD
0dBFS input
AVDD1=AVDD2=3.3V
-84
dBFS
0dBFS input
AVDD1=AVDD2=2.5V
-82
dBFS
Total Harmonic Distortion + Noise 5
THD+N
0dBFS input
AVDD1=AVDD2=3.3V
-82
dBFS
0dBFS input
AVDD1=AVDD2=2.5V
-80
dBFS
Channel Separation 6
1kHz input signal
100
dB
DAC to OUT3 and OUT4 mixers into OUT3/OUT4 outputs into (10k
Ω / 50pF load. DACVOLL and DACVOLR = 0dB)
Full-scale output voltage
AVDD2/3.3
Vrms
Signal to Noise Ratio 3
SNR
A-weighted
AVDD1=AVDD2=3.3V
98
dB
Total Harmonic Distortion
4
THD
full-scale signal
AVDD1=AVDD2=3.3V
-84
dBFS
Total Harmonic Distortion + Noise 5
THD+N
full-scale signal
AVDD1=AVDD2=3.3V
-82
dBFS
Channel Separation 6
1kHz signal
100
dB
DAC to left and right mixer into headphone 16Ω load on LOUT1 and ROUT1
LOUT1VOL, ROUT1VOL, DACLVOL and DACRVOL = 0dB
Full-scale output
AVDD1/3.3
Vrms
Signal to Noise Ratio 3
SNR
A-weighted
AVDD1=AVDD2=3.3V
100
dB
22Hz to 20kHz
AVDD1=AVDD2=3.3V
95.5
dB
Total Harmonic Distortion 4
THD
Po = 20mW, RL=16Ω
-79
dB
Total Harmonic Distortion + Noise 5
THD+N
Po = 20mW, RL=16Ω
-75
dB
Channel Separation 6
1kHz signal
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com