Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 37Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 38Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 39Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 40Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 41Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 42Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 43Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 44Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
41
PROGRAMMABLE NOTCH FILTER
A programmable notch filter is provided. This filter has a variable centre frequency and bandwidth,
programmable via two coefficients, a0 and a1. These coefficients should be converted to 2’s
complement numbers to determine the register values. A0 and a1 are represented by the register
bits NFA0[13:0] and NFA1[13:0]. Because these coefficient values require four register writes to
setup there is an NFU (Notch Filter Update) flag which should be set only when all four registers are
setup.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Notch Filter 1
6:0
NFA0[13:7]
0
Notch Filter a0 coefficient, bits [13:7]
7
NFEN
0
Notch filter enable:
0 = Disabled
1 = Enabled
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
R28 (1Ch)
Notch Filter 2
6:0
NFA0[6:0]
0
Notch Filter a0 coefficient, bits [6:0]
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
R29 (1Dh)
Notch Filter 3
6:0
NFA1[13:7]
0
Notch Filter a1 coefficient, bits [13:7]
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
R30 (1Eh)
Notch Filter 4
0-6
NFA1[6:0]
0
Notch Filter a1 coefficient, bits [6:0]
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
Table 17 Notch Filter Function
The coefficients are calculated as follows:
)
2
/
w
tan(
1
)
2
/
w
tan(
1
a
b
b
0
+
−
=
)
w
cos(
)
a
1
(
a
0
0
1
+
−
=
Where:
s
c
0
f
/
f
2
w
π
=
s
b
b
f
/
f
2
w
π
=
fc = centre frequency in Hz, fb = -3dB bandwidth in Hz, fs = sample frequency in Hz
The coefficients are calculated as follows:
NFA0 = -a0 x 213
NFA1 = -a1 x 212
These values are then converted to 2’s complement notation to determine the register values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com