Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 21Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 22Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 23Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 24Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 25Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 26Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 27Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 28Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
25
Notes:
1.
The analogue input pin charge time, tmidrail_on, is determined by the VMID pin charge time. This
time is dependent upon the value of VMID decoupling capacitor and VMID pin input resistance
and AVDD1 power supply rise time.
2.
The analogue input pin discharge time, tmidrail_off, is determined by the analogue input coupling
capacitor discharge time. The time, tmidrail_off, is measured using a 1μF capacitor on the
analogue input but will vary dependent upon the value of input coupling capacitor.
3.
While the ADC is enabled there will be LSB data bit activity on the ADCDAT pin due to system
noise but no significant digital output will be present.
4.
The VMIDSEL and BIASEN bits must be set to enable analogue input midrail voltage and for
normal ADC operation.
5.
ADCDAT data output delay from power up - with power supplies starting from 0V - is determined
primarily by the VMID charge time. ADC initialisation and power management bits may be set
immediately after POR is released; VMID charge time will be significantly longer and will dictate
when the device is stabilised for analogue input.
6.
ADCDAT data output delay at power up from device standby (power supplies already applied) is
determined by ADC initialisation time, 2/fs.
Figure 11 DAC Power Up and Down Sequence (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com