Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 72Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 73Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 74Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 75Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 76Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 77Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 78Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 79Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
76
DIGITAL AUDIO INTERFACES
The audio interface has four pins:
•
ADCDAT: ADC data output
•
DACDAT: DAC data input
•
LRC: Data Left/Right alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK, and LRC can be outputs when the WM8985 operates as a master, or inputs
when it is a slave (see Master and Slave Mode Operation, below).
Five different audio data formats are supported:
•
Left justified
•
Right justified
•
I2S
•
DSP mode A
•
DSP mode B
All of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8985 audio interface may be configured as either master or slave. As a master interface
device the WM8985 generates BCLK and LRC and thus controls sequencing of the data transfer on
ADCDAT and DACDAT. To set the device to master mode register bit MS should be set high. In
slave mode (MS=0), the WM8985 responds with data to clocks it receives over the digital audio
interfaces.
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following an LRC
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRC transition.
Figure 31 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRC transition.
All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and
sample rate, there may be unused BCLK cycles after each LRC transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com