Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 4Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
8
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Input PGA Inputs (LIP, LIN, RIP, RIN, L2, R2)
INPPGAVOLL, INPPGAVOLR, PGABOOSTL and PGABOOSTR = 0dB
Full-scale Input Signal Level –
Single-ended input via LIN/RIN 1
AVDD/3.3
Vrms
Full-scale Input Signal Level –
Pseudo-differential input 1,2
AVDD*0.7/
3.3
Vrms
Input PGA equivalent input noise
INPPGAVOLL/R = +35.25dB
No input signal
0 to 20kHz
150
μV
LIN, RIN input resistance
INPPGAVOLL and
INPPGAVOLR = +35.25dB
1.6
k
Ω
LIN, RIN input resistance
INPPGAVOLL and
INPPGAVOLR = 0dB
46
k
Ω
LIN, RIN input resistance
INPPGAVOLL and
INPPGAVOLR = -12dB
71
k
Ω
LIP, RIP input resistance
All gain settings
90
k
Ω
L2, R2 input resistance
L2_2INPPGA and
R2_2INPPGA = 1
L2_2BOOSTVOL and
R2_2BOOSTVOL = 000
90
k
Ω
L2, R2 input resistance
L2_2INPPGA and
R2_2INPPGA = 0
L2_2BOOSTVOL and
R2_2BOOSTVOL = +6dB
11
k
Ω
L2, R2 input resistance
L2_2INPPGA and
R2_2INPPGA = 0
L2_2BOOSTVOL and
R2_2BOOSTVOL = 0dB
22
k
Ω
L2, R2 input resistance
L2_2INPPGA and
R2_2INPPGA = 0
L2_2BOOSTVOL and
R2_2BOOSTVOL = -12dB
60
k
Ω
Input Capacitance
All analogue input pins
10
pF
Maximum Input PGA Programmable
Gain
Gain adjusted by
INPPGAVOLL and
INPPGAVOLL
+35.25
dB
Minimum Input PGA Programmable
Gain
Gain adjusted by
INPPGAVOLL and
INPPGAVOLL
-12
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Input PGA Mute Attenuation
INPPGAMUTEL and
INPPGAMUTER = 1
100
dB
Input Gain Boost
PGABOOSTL and
PGABOOSTR = 0
0
dB
Input Gain Boost
PGABOOSTL and
PGABOOSTR = 1
+20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com