Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 88Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 89Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 90Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 91Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 92Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 93Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 94Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 95Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
92
REGISTER MAP
ADDR
B[15:9]
REGISTER
NAME
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEF’T
VAL
DEC HEX
(HEX)
0
00
Software Reset
Software reset
1
01
Power manage’t 1
0
OUT4MIX
EN
OUT3MIX
EN
PLLEN
MICBEN
BIASEN
BUFIOEN
VMIDSEL[1:0]
000
2
02
Power manage’t 2
ROUT1EN
LOUT1EN
SLEEP
BOOST
ENR
BOOST
ENL
INPGA
ENR
INPPGA
ENL
ADCENR
ADCENL
000
3
03
Power manage’t 3
OUT4EN
OUT3EN
ROUT2EN LOUT2EN
0
RMIXEN
LMIXEN
DACENR
DACENL
000
4
04
Audio Interface
BCP
LRP
WL
FMT
DLRSWAP ALRSWAP
MONO
050
5
05
Companding ctrl
0
WL8
DAC_COMP[1:0]
ADC_COMP[1:0]
LOOP
BACK
000
6
06
Clock Gen ctrl
CLKSEL
MCLKDIV[2:0]
BCLKDIV[2:0]
0
MS
140
7
07
Additional ctrl
M128ENB
DCLKDIV[3:0]
SR[2:0]
SLOWCLK
EN
080
8
08
GPIO Stuff
GPIO1GP
GPIO1GPU GPIO1GPD
0
0
GPIO1POL
GPIO1SEL[2:0]
000
9
09
Jack detect control
0
0
JD_EN
JD_SEL
0
0
0
0
000
10
0A
DAC Control
0
0
SOFT
MUTE
0
0
DACOSR
128
AMUTE
DACRPOL DACLPOL
000
11
0B
Left DAC digital Vol
DACVU
DACLVOL[7:0]
0FF
12
0C Right DAC dig’l Vol
DACVU
DACRVOL[7:0]
0FF
13
0D Jack Detect Control
0
JD_EN1[3:0]
JD_EN0[3:0]
000
14
0E
ADC Control
HPFEN
HPFAPP
HPFCUT[2:0]
ADCOSR
128
0
ADCRPOL ADCLPOL
100
0
OPCLKDIV[1:0]
15
0F
Left ADC Digital Vol
ADCVU
ADCLVOL[7:0]
0FF
16
10
Right ADC Digital
Vol
ADCVU
ADCRVOL[7:0]
0FF
18
12
EQ1 – low shelf
EQ3DMODE
0
EQ1C[1:0]
EQ1G[4:0]
12C
19
13
EQ2 – peak 1
EQ2BW
0
EQ2C[1:0]
EQ2G[4:0]
02C
20
14
EQ3 – peak 2
EQ3BW
0
EQ3C[1:0]
EQ3G[4:0]
02C
21
15
EQ4 – peak 3
EQ4BW
0
EQ4C[1:0]
EQ4G[4:0]
02C
22
16
EQ5 – high shelf
0
0
EQ5C[1:0]
EQ5G[4:0]
02C
23
17
Class D Control
CLASSDEN
0
0
0
0
10
0
0
008
24
18
DAC Limiter 1
LIMEN
LIMDCY[3:0]
LIMATK[3:0]
032
25
19
DAC Limiter 2
0
0
LIMLVL[2:0]
LIMBOOST[3:0]
000
27
1B
Notch Filter 1
NFU
NFEN
NFA0[13:7]
000
28
1C Notch Filter 2
NFU
0
NFA0[6:0]
000
29
1D Notch Filter 3
NFU
0
NFA1[13:7]
000
30
1E
Notch Filter 4
NFU
0
NFA1[6:0]
000
32
20
ALC control 1
ALCSEL[1:0]
0
ALCMAX[2:0]
ALCMIN[2:0]
038
33
21
ALC control 2
0
ALCHLD[3:0]
ALCLVL[3:0]
00B
34
22
ALC control 3
ALCMODE
ALCDCY[3:0]
ALCATK[3:0]
032
35
23
Noise Gate
0
0
0
0
0
NGEN
NGTH[2:0]
000
36
24
PLL N
0
0
0
0
PLLPRE
SCALE
PLLN[3:0]
008
37
25
PLL K 1
0
0
0
PLLK[23:18]
00C
38
26
PLL K 2
PLLK[17:9]
093
39
27
PLL K 3
PLLK[8:0]
0E9
41
29
3D control
DEPTH3D[3:0]
000
42
2A
OUT4 to ADC
OUT4_2ADCVOL[2:0]
OUT4_2
LNR
0
0
POBCTRL
0
0
000
43
2B
Beep control
BYPL2
RMIX
BYPR2
LMIX
0
0
0
0
0
0
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com