Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 13Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 14Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 15Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 16Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 17Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
14
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output
Input HIGH Level
VIH
0.7
×DBV
DD
V
Input LOW Level
VIL
0.3
×DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×DBV
DD
V
Output LOW Level
VOL
IOH-1mA
0.1xDBVDD
V
Input Capacitance
All digital pins
10
pF
Input leakage
50
pA
TERMINOLOGY
1.
Full-scale input and output levels scale in relation to AVDD1 or AVDD2 depending upon the input or output used. For
example, when AVDD1 = 3.3V, 0dBFS = 1Vrms (0dBV). When AVDD < 3.3V the absolute level of 0dBFS will decrease
with a linear relationship to AVDD.
2.
Input level to RIP and LIP in differential configurations is limited to a maximum of -3dB or performance will be
reduced.
3.
Signal-to-noise ratio (dBFS) – SNR is the difference in level between a reference full scale output signal and the
device output with no signal applied. This ratio is also called idle channel noise. (No Auto-zero or Automute function is
employed in achieving these results).
4.
Total Harmonic Distortion (dB) – THD is the difference in level between a reference output signal and the first seven
harmonics of the output signal. To calculate the ratio, the fundamental frequency of the output signal is notched out
and an RMS value of the next seven harmonics is calculated.
5.
Total Harmonic Distortion plus Noise (dB) – THD+N is the difference in level between a reference output signal and
the sum of the harmonics, wide-band noise and interference on the output signal. To calculate the ratio, the
fundamental frequency of the output signal is notched out and an RMS value of the total harmonics, wide-band noise
and interference is calculated.
6.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com