Electronic Components Datasheet Search
  English  ▼

X  

WM8985GEFL Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 25Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 26Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 27Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 28Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 29Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 30Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 31Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 32Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
29
Figure 12 Microphone Input PGA Circuit
The input PGAs are enabled by the INPPGAENL and INPPGAENR register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
2
2
INPPGAENL
0
Left channel input PGA enable
0 = disabled
1 = enabled
3
INPPGAENR
0
Right channel input PGA enable
0 = disabled
1 = enabled
Table 5 Input PGA Enable Register Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com