Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 137 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 137 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 141Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
137
22 SYSTEM STATUS LED DRIVERS
22.1 GENERAL DESCRIPTION
The WM8310 provides two System Status LED Drivers. These are digital outputs intended for driving
LEDs directly. The LED outputs can be assigned to indicate OTP Program status, Power State status
or Battery Charger status. They can also be commanded directly via register control, in order to
provide any other required functionality.
22.2 LED DRIVER CONTROL
LED Drivers are configurable in the ON and SLEEP power states only. The functionality of the LED
Drivers is controlled by the LEDn_SRC register bits, as described in Table 79.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16460
(404Ch)
Status LED1
15:14
LED1_SRC
[1:0]
11
LED1 Source
(Selects the LED1 function.)
00 = Off
01 = Power State Status
10 = Charger Status
11 = Manual Mode
Note: LED1 also indicates
completion of OTP Auto Program
R16461
(404Dh)
Status LED2
15:14
LED2_SRC
[1:0]
11
LED2 Source
(Selects the LED2 function.)
00 = Off
01 = Power State Status
10 = Charger Status
11 = Manual Mode
Note: LED2 also indicates an OTP
Auto Program Error condition
Table 79 System Status LED Control
22.2.1
OTP PROGRAM STATUS
The LED drivers indicate the status of the OTP Auto Program function, where the contents of the
external InstantConfig™ (ICE) memory are automatically programmed into the OTP. See
Section 14.6.3 for further details of the OTP Auto Program function.
When the OTP Auto Program function is executed, the System Status LED drivers follow the
functionality defined in Table 80.
LED DRIVER
DESCRIPTION
DRIVE MODE
LED ‘ON’
TIME
ON:OFF
DUTY CYCLE
LED1
OTP Auto Program
Complete
Constant
n/a
n/a
LED2
OTP Auto Progam Error
Constant
n/a
n/a
Table 80 System Status LED Outputs - OTP Program Status
The OTP Program Status LED outputs will continue until a Device Reset.
Note that the OTP Program Status is always indicated via the LED outputs, regardless of the
LEDn_SRC register fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com