Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 138 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 138 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 142Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
138
22.2.2
POWER STATE STATUS
Setting LEDn_SRC = 01 configures the associated LED to indicate Power State status. Under this
selection, four different conditions may be indicated, as defined in Table 81.
LED DRIVER
DESCRIPTION
DRIVE MODE
LED ‘ON’
TIME
ON:OFF
DUTY CYCLE
LED1 or
LED2
Power Sequence Failure
Pulsed sequence
(4 pulses)
1s
1:1
SYSVDD Low
Continuous
pulsed
250ms
1:3
ON state
Constant
n/a
n/a
SLEEP state
Continuous
pulsed
250ms
1:7
Table 81 System Status LED Outputs - Power State Status
If more than one of the conditions listed occurs simultaneously, then the LED output pattern is
controlled by the condition in the highest position within the list above.
For example, if the SYSVDD Low condition occurs while in the ON or SLEEP states, then the LED
output follows the pattern defined for the SYSVDD Low condition.
The SYSVDD Low indication is asserted if SYSVDD is less than the user-selectable threshold
SYSLO_THR, as described in Section 24.4.
Note that, in the case of Power Sequence Failure, the transition to OFF occurs after the 4 LED pulses
have been emitted.
22.2.3
CHARGER STATUS
Setting LEDn_SRC = 10 configures the associated LED to indicate Battery Charger status. Under this
selection, two different conditions may be indicated, as defined in Table 82.
LED DRIVER
DESCRIPTION
DRIVE MODE
LED ‘ON’
TIME
ON:OFF
DUTY CYCLE
LED1 or
LED2
Charger Complete
Constant
n/a
n/a
Charger On
Continuous
pulsed
1s
1:2
Table 82 System Status LED Outputs - Charger Status
22.2.4
LED DRIVER MANUAL MODE
Setting LEDn_SRC = 11 configures the associated LED to operate in Manual Mode, which is further
configurable using additional register fields.
In Manual Mode, the LED output can be commanded as Off, On (Constant), Continuous Pulsed or
Pulsed Sequence. The selected operation is determined by the LEDn_MODE registers as described
in Table 83.
In Continuous Pulsed mode and Pulsed Sequence mode, the ‘On’ time and the Duty Cycle can be
configured using the LEDn_DUR and LEDn_DUTY_CYC registers respectively.
In Pulsed Sequence mode, the number of pulses in the sequence can be selected using the
LEDn_SEQ_LEN register. On completion of the commanded number of pulses, the LED remains off
until LEDn_MODE or LEDn_SRC is changed to another value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com