Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 181 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 181 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 185Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
181
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5
AUXADC_DCO
MP2_EINT
0
AUXADC Digital Comparator 2 interrupt
(Trigger is controlled by DCMP2_GT)
Note: Cleared when a ‘1’ is written.
4
AUXADC_DCO
MP1_EINT
0
AUXADC Digital Comparator 1 interrupt
(Trigger is controlled by DCMP1_GT)
Note: Cleared when a ‘1’ is written.
3
RTC_PER_EIN
T
0
RTC Periodic interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
RTC_ALM_EIN
T
0
RTC Alarm interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
TEMP_THW_C
INT
0
Thermal Warning interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
Register 4011h Interrupt Status 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16402
(4012h)
Interrupt
Status 2
15
CHG_BATT_H
OT_EINT
0
Battery Hot interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
14
CHG_BATT_C
OLD_EINT
0
Battery Cold interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
13
CHG_BATT_F
AIL_EINT
0
Battery Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
12
CHG_OV_EINT
0
Battery Overvoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
11
CHG_END_EI
NT
0
Battery Charge End interrupt (End of Charge Current
threshold reached)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
10
CHG_TO_EINT
0
Battery Charge Timeout interrupt (Charger Timer has
expired)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
9
CHG_MODE_E
INT
0
Battery Charge Mode interrupt (Charger Mode has
changed)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
CHG_START_
EINT
0
Battery Charge Start interrupt (Charging has started)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7
CS2_EINT
0
Current Sink 2 interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
CS1_EINT
0
Current Sink 1 interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com