Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 180 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 180 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 184Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
180
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7
PPM_INT
0
Power Path Management primary interrupt
0 = No interrupt
1 = Interrupt is asserted
6
CS_INT
0
Current Sink primary interrupt
0 = No interrupt
1 = Interrupt is asserted
5
RTC_INT
0
Real Time Clock primary interrupt
0 = No interrupt
1 = Interrupt is asserted
4
OTP_INT
0
OTP Memory primary interrupt
0 = No interrupt
1 = Interrupt is asserted
2
CHG_INT
0
Battery Charger primary interrupt
0 = No interrupt
1 = Interrupt is asserted
1
HC_INT
0
High Current primary interrupt
0 = No interrupt
1 = Interrupt is asserted
0
UV_INT
0
Undervoltage primary interrupt
0 = No interrupt
1 = Interrupt is asserted
Register 4010h System Interrupts
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16401
(4011h)
Interrupt
Status 1
15
PPM_SYSLO_
EINT
0
Power Path SYSLO interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
14
PPM_PWR_SR
C_EINT
0
Power Path Source interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
13
PPM_USB_CU
RR_EINT
0
Power Path USB Current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
12
ON_PIN_CINT
0
ON pin interrupt.
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
11
WDOG_TO_EI
NT
0
Watchdog timeout interrupt.
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
AUXADC_DAT
A_EINT
0
AUXADC Data Ready interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7
AUXADC_DCO
MP4_EINT
0
AUXADC Digital Comparator 4 interrupt
(Trigger is controlled by DCMP4_GT)
Note: Cleared when a ‘1’ is written.
6
AUXADC_DCO
MP3_EINT
0
AUXADC Digital Comparator 3 interrupt
(Trigger is controlled by DCMP3_GT)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com