Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 176 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 176 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 180Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
176
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
GP7_LVL
0
GPIO7 level.
When GP7_FN = 0h and GP7_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP7_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
5
GP6_LVL
0
GPIO6 level.
When GP6_FN = 0h and GP6_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP6_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
4
GP5_LVL
0
GPIO5 level.
When GP5_FN = 0h and GP5_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP5_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
3
GP4_LVL
0
GPIO4 level.
When GP4_FN = 0h and GP4_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP4_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
2
GP3_LVL
0
GPIO3 level.
When GP3_FN = 0h and GP3_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP3_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
1
GP2_LVL
0
GPIO2 level.
When GP2_FN = 0h and GP2_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP2_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
0
GP1_LVL
0
GPIO1 level.
When GP1_FN = 0h and GP1_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP1_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
Register 400Ch GPIO Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com