Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 216 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 216 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 220Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
216
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0 = Normal
1 = Sink current cannot be regulated
12
CS1_SLPENA
0
Current Sink 1 SLEEP Enable
0 = Disabled
1 = Controlled by CS1_ENA
11:10
CS1_OFF_RA
MP [1:0]
01
ISINK1 Switch-Off ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for the maximum
change in current drive setting. The actual time scales
according to the extent of the change in current drive
setting.
9:8
CS1_ON_RAM
P [1:0]
01
ISINK1 Switch-On ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for the maximum
change in current drive setting. The actual time scales
according to the extent of the change in current drive
setting.
5:0
CS1_ISEL [5:0]
00_0000
ISINK1 current.
Current = 2.0µA × 2^(CS1_ISEL/4), where CS1_ISEL is
an unsigned binary number.
Alternatively,
CS1_ISEL = 13.29 x LOG(current/2.0µA)
00_0000 = 2.0µA
11_0111 = 27.6mA
Values greater than 11_0111 will result in the maximum
current of approx 27.6mA.
Register 404Eh Current Sink 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16463
(404Fh)
Current Sink
2
15
CS2_ENA
0
Current Sink 2 Enable (ISINK2 pin)
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the OFF power state is
entered.
14
CS2_DRIVE
0
Current Sink 2 output drive enable
0 = Disabled
1 = Enabled
13
CS2_STS
0
Current Sink 2 status
0 = Normal
1 = Sink current cannot be regulated
12
CS2_SLPENA
0
Current Sink 2 SLEEP Enable
0 = Disabled
1 = Controlled by CS2_ENA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com