Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 220 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 220 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 224Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
220
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4
LDO5_STS
0
LDO5 Status
0 = Disabled
1 = Enabled
3
LDO4_STS
0
LDO4 Status
0 = Disabled
1 = Enabled
2
LDO3_STS
0
LDO3 Status
0 = Disabled
1 = Enabled
1
LDO2_STS
0
LDO2 Status
0 = Disabled
1 = Enabled
0
LDO1_STS
0
LDO1 Status
0 = Disabled
1 = Enabled
Register 4053h LDO Status
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16468
(4054h)
DCDC UV
Status
13
DC2_OV_STS
0
DC-DC2 Overvoltage Status
0 = Normal
1 = Overvoltage
12
DC1_OV_STS
0
DC-DC1 Overvoltage Status
0 = Normal
1 = Overvoltage
9
DC2_HC_STS
0
DC-DC2 High Current Status
0 = Normal
1 = High Current
8
DC1_HC_STS
0
DC-DC1 High Current Status
0 = Normal
1 = High Current
3
DC4_UV_STS
0
DC-DC4 Undervoltage Status
0 = Normal
1 = Undervoltage
2
DC3_UV_STS
0
DC-DC3 Undervoltage Status
0 = Normal
1 = Undervoltage
1
DC2_UV_STS
0
DC-DC2 Undervoltage Status
0 = Normal
1 = Undervoltage
0
DC1_UV_STS
0
DC-DC1 Undervoltage Status
0 = Normal
1 = Undervoltage
Register 4054h DCDC UV Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com