Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
113
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16396
(400Ch)
GPIO Level
11
GP12_LVL
0
GPIOn level.
When GPn_FN = 0h and GPn_DIR
= 0, write to this bit to set a GPIO
output.
Read from this bit to read GPIO
input level.
When GPn_POL is 0, the register
contains the opposite logic level to
the external pin.
10
GP11_LVL
0
9
GP10_LVL
0
8
GP9_LVL
0
7
GP8_LVL
0
6
GP7_LVL
0
5
GP6_LVL
0
4
GP5_LVL
0
3
GP4_LVL
0
2
GP3_LVL
0
1
GP2_LVL
0
0
GP1_LVL
0
Table 55 GPIO Level Register
The power domain for each GPIO is controlled using the GPn_PWR_DOM registers as described in
Table 56.
The selected power domain for each GPIO affects the maximum input voltage that can be supported
on the respective pin(s). Note that this is also applicable when GPIO10, GPIO11 or GPIO12 are used
as inputs to the AUXADC (see Section 18). The input voltage at the GPIO pin must not exceed the
voltage of the respective power domain.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16440
(4038h)
GPIO1 Control
11
GP1_PWR_DO
M
0
GPIO1 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16441
(4039h)
GPIO2 Control
11
GP2_PWR_DO
M
0
GPIO2 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16442
(403Ah)
GPIO3 Control
11
GP3_PWR_DO
M
0
GPIO3 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16443
(403Bh)
GPIO4 Control
11
GP4_PWR_DO
M
0
GPIO4 Power Domain select
0 = DBVDD
1 = PVDD
R16444
(403Ch)
GPIO5 Control
11
GP5_PWR_DO
M
0
GPIO5 Power Domain select
0 = DBVDD
1 = PVDD
R16445
(403Dh)
GPIO6 Control
11
GP6_PWR_DO
M
0
GPIO6 Power Domain select
0 = DBVDD
1 = PVDD
R16446
(403Eh)
GPIO7 Control
11
GP7_PWR_DO
M
0
GPIO7 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16447
(403Fh)
GPIO8 Control
11
GP8_PWR_DO
M
0
GPIO8 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16448
(4040h)
GPIO9 Control
11
GP9_PWR_DO
M
0
GPIO9 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16449
(4041h)
GPIO10
11
GP10_PWR_D
OM
0
GPIO10 Power Domain select
0 = DBVDD
1 = PVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com