Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
115
Note that GPIO input functions 2h, 3h, 4h, 5h and 6h are edge-triggered only. The associated state
transition(s) are scheduled only when a rising or falling edge is detected on the respective GPIO pin.
At other times, it is possible that other state transition events may cause a state transition regardless
of the state of the GPIO input. See Section 11.3 for details of all the state transition events.
21.4 GPIO INTERRUPTS
Each GPIO pin has an associated interrupt flag, GPn_EINT, in Register R16405 (4015h). Each of
these secondary interrupts triggers a primary GPIO Interrupt, GP_INT (see Section 23). This can be
masked by setting the mask bit(s) as described in Table 58.
See Section 28 and Section 29 for a definition of the register bit positions applicable to each GPIO.
ADDRESS
BIT
LABEL
DESCRIPTION
R16405
(4015h)
Interrupt Status
5
15:0
GPn_EINT
GPIO interrupt.
(Trigger is controlled by GPn_INT_MODE)
Note: Cleared when a ‘1’ is written.
R16413
(401Dh)
Interrupt Status
5 Mask
15:0
IM_GPn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n is a number between 1 and 12 that identifies the individual GPIO.
Table 58 GPIO Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com