Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 117 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 117 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 121Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
117
22.2.2 POWER STATE STATUS
Setting LEDn_SRC = 01 configures the associated LED to indicate Power State status. Under this
selection, four different conditions may be indicated, as defined in Table 61.
LED DRIVER
DESCRIPTION
DRIVE MODE
LED ‘ON’
TIME
ON:OFF
DUTY CYCLE
LED1 or
LED2
Power Sequence Failure
Pulsed sequence
(4 pulses)
1s
1:1
PVDD Low
Continuous
pulsed
250ms
1:3
ON state
Constant
n/a
n/a
SLEEP state
Continuous
pulsed
250ms
1:7
Table 61 System Status LED Outputs - Power State Status
If more than one of the conditions listed occurs simultaneously, then the LED output pattern is
controlled by the condition in the highest position within the list above.
For example, if the PVDD Low condition occurs while in the ON or SLEEP states, then the LED
output follows the pattern defined for the PVDD Low condition.
The PVDD Low indication is asserted if PVDD is less than the user-selectable threshold
SYSLO_THR, as described in Section 24.4.
Note that, in the case of Power Sequence Failure, the transition to OFF occurs after the 4 LED pulses
have been emitted.
22.2.3 MANUAL MODE
Setting LEDn_SRC = 11 configures the associated LED to operate in Manual Mode, which is
configured using additional register fields.
In Manual Mode, the LED output can be commanded as Off, On (Constant), Continuous Pulsed or
Pulsed Sequence. The selected operation is determined by the LEDn_MODE registers as described
in Table 62.
In Continuous Pulsed mode and Pulsed Sequence mode, the ‘On’ time and the Duty Cycle can be
configured using the LEDn_DUR and LEDn_DUTY_CYC registers respectively.
In Pulsed Sequence mode, the number of pulses in the sequence can be selected using the
LEDn_SEQ_LEN register. On completion of the commanded number of pulses, the LED remains off
until LEDn_MODE or LEDn_SRC is changed to another value.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16460
(404Ch)
Status LED1
9:8
LED1_MODE
[1:0]
00
LED1 Mode
(Controls LED1 in Manual Mode
only.)
00 = Off
01 = Constant
10 = Continuous Pulsed
11 = Pulsed Sequence
5:4
LED1_SEQ_LE
N [1:0]
10
LED1 Pulse Sequence Length
(when LED1_MODE = Pulsed
Sequence)
00 = 1 pulse
01 = 2 pulses
10 = 4 pulses
11 = 7 pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com